Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRVH9F Datasheet(PDF) 3 Page - OSRAM GmbH

Part # LRVH9F
Description  Gaming, Amusement, Gambling
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRVH9F Datasheet(HTML) 3 Page - OSRAM GmbH

  LRVH9F Datasheet HTML 1Page - OSRAM GmbH LRVH9F Datasheet HTML 2Page - OSRAM GmbH LRVH9F Datasheet HTML 3Page - OSRAM GmbH LRVH9F Datasheet HTML 4Page - OSRAM GmbH LRVH9F Datasheet HTML 5Page - OSRAM GmbH LRVH9F Datasheet HTML 6Page - OSRAM GmbH LRVH9F Datasheet HTML 7Page - OSRAM GmbH LRVH9F Datasheet HTML 8Page - OSRAM GmbH LRVH9F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
LR VH9F
3 Version 1.3 | 2018-03-27
Maximum Ratings
Parameter
Symbol
Values
Operating Temperature
T
op
min.
max.
-40 °C
85 °C
Storage Temperature
T
stg
min.
max.
-40 °C
85 °C
Junction Temperature
T
j
max.
95 °C
Forward current
T
S = 25 °C
I
F
max.
15 mA
Surge Current
t ≤ 10 µs; D = 0.005 ; T
S = 25 °C
I
FS
max.
100 mA
Reverse voltage 2)
T
S = 25 °C
V
R
max.
12 V
ESD withstand voltage
acc. to ANSI/ESDA/JEDEC JS-001 (HBM)
V
ESD
2 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com