Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRG6SP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LRG6SP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP Datasheet(HTML) 5 Page - OSRAM GmbH

  LRG6SP Datasheet HTML 1Page - OSRAM GmbH LRG6SP Datasheet HTML 2Page - OSRAM GmbH LRG6SP Datasheet HTML 3Page - OSRAM GmbH LRG6SP Datasheet HTML 4Page - OSRAM GmbH LRG6SP Datasheet HTML 5Page - OSRAM GmbH LRG6SP Datasheet HTML 6Page - OSRAM GmbH LRG6SP Datasheet HTML 7Page - OSRAM GmbH LRG6SP Datasheet HTML 8Page - OSRAM GmbH LRG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LR G6SP
5 Version 1.2 | 2018-02-13
Brightness Groups
Group
Luminous Intensity 1)
Luminous Intensity. 1)
Luminous Flux 6)
I
F = 140 mA
I
F = 140 mA
I
F = 140 mA
min.
max.
typ.
I
v
I
v
Φ
V
CB
3.55 cd
4.50 cd
12.10 lm
DA
4.50 cd
5.60 cd
15.10 lm
DB
5.60 cd
7.10 cd
19.00 lm
EA
7.10 cd
9.00 cd
24.20 lm
Forward Voltage Groups
Group
Forward Voltage 4)
Forward Voltage 4)
I
F = 140 mA
I
F = 140 mA
min.
max.
V
F
V
F
3A
1.90 V
2.05 V
3B
2.05 V
2.20 V
4A
2.20 V
2.35 V
4B
2.35 V
2.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com