Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRG6SP Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LRG6SP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP Datasheet(HTML) 1 Page - OSRAM GmbH

  LRG6SP Datasheet HTML 1Page - OSRAM GmbH LRG6SP Datasheet HTML 2Page - OSRAM GmbH LRG6SP Datasheet HTML 3Page - OSRAM GmbH LRG6SP Datasheet HTML 4Page - OSRAM GmbH LRG6SP Datasheet HTML 5Page - OSRAM GmbH LRG6SP Datasheet HTML 6Page - OSRAM GmbH LRG6SP Datasheet HTML 7Page - OSRAM GmbH LRG6SP Datasheet HTML 8Page - OSRAM GmbH LRG6SP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LR G6SP
1 Version 1.2 | 2018-02-13
Produktdatenblatt | Version 1.1
www.osram-os.com
LR G6SP
Advanced Power TOPLED®
Advanced Power TOPLED features a compact pack-
age with a wide brightness range and high luminous
efficiency.
Applications
Custom Tuning
Displays (Backlighting)
Interior Illumination e.g. Ambient Map
Signalling
Features:
Package: white SMT package, colorless clear silicone resin
Chip technology: Thinfilm
Typ. Radiation: 120° (Lambertian emitter)
Color: λ
dom = 623 nm (red)
Optical efficacy: 56 lm/W
Corrosion Robustness Class: 3B


Similar Part No. - LRG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LRG6SP OSRAM-LRG6SP Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LRG6SP-CADB-1-1 OSRAM-LRG6SP-CADB-1-1 Datasheet
247Kb / 15P
Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LRG6SP-CBEA-1-1 OSRAM-LRG6SP-CBEA-1-1 Datasheet
610Kb / 21P
white SMT package, colorless clear silicone resin
LRG6SP.01 OSRAM-LRG6SP.01 Datasheet
1Mb / 21P
Signalling
LRG6SP.01-6D7E-46-G3R3 OSRAM-LRG6SP.01-6D7E-46-G3R3 Datasheet
1Mb / 21P
Signalling
More results

Similar Description - LRG6SP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBG6SP OSRAM-LBG6SP Datasheet
253Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LWG6SP OSRAM-LWG6SP Datasheet
257Kb / 17P
Advanced Power TOPLED Enhanced optical Power LED
LRG6SP OSRAM-LRG6SP_17 Datasheet
679Kb / 21P
Advanced Power TOPLED
LSG6SP OSRAM-LSG6SP Datasheet
610Kb / 21P
Advanced Power TOPLED
LTG5AP OSRAM-LTG5AP Datasheet
519Kb / 19P
Advanced Power TOPLED Plus
LTG6SP OSRAM-LTG6SP_15 Datasheet
663Kb / 22P
Advanced Power TOPLED
LCYG6SP OSRAM-LCYG6SP Datasheet
640Kb / 22P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_16 Datasheet
471Kb / 21P
Advanced Power TOPLED
LAG6SP OSRAM-LAG6SP_18 Datasheet
1Mb / 22P
Advanced Power TOPLED
LYG5AP OSRAM-LYG5AP Datasheet
910Kb / 21P
Advanced Power TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com