Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC417 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC417
Description  Dual Low-Power, Programmable Gain Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC417 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  CLC417 Datasheet HTML 1Page - National Semiconductor (TI) CLC417 Datasheet HTML 2Page - National Semiconductor (TI) CLC417 Datasheet HTML 3Page - National Semiconductor (TI) CLC417 Datasheet HTML 4Page - National Semiconductor (TI) CLC417 Datasheet HTML 5Page - National Semiconductor (TI) CLC417 Datasheet HTML 6Page - National Semiconductor (TI) CLC417 Datasheet HTML 7Page - National Semiconductor (TI) CLC417 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Figure 5: Optional Evaluation Board Alterations
SPICE Models
SPICE models provide a means to evaluate amplifier
designs. Free SPICE models are available for National’s
monolithic amplifiers that:
s
Support Berkeley SPICE 2G and its many
derivatives
s
Reproduce typical DC, AC, Transient, and
Noise performance
s
Support room temperature simulations
The
readme file that accompanies the diskette lists
released models, and provides a list of modeled parame-
ters.
The application note OA-18, Simulation SPICE
Models for National’s Op Amps, contains schematics and
a reproduction of the
readme file.
Applications Circuits
Video Cable Driver
The CLC417 was designed to produce exceptional video
performance at all three closed-loop gains.
A typical
cable driving configuration is shown in Figure 6. In this
example, the amplifier is configured with a gain of 2.
Figure 6: Typical Cable Driver
Single to Differential Line Driver
The topology in Figure 7 accomplishes a single-ended to
differential conversion with no external components.
With this configuration, the value of Vin is limited to the
common mode input range of the CLC417.
Figure 7: Single to Differential Line Driver
250
Ω
250
Ω
250
Ω
250
Ω
SMA
Input
Rin
50
Ω
NOTE:
The same
technique can
also be applied
to Channel A.
J1
0
Ω
0.1
µF
6.8
µF
-5V
0.1
µF6.8µF
+5V
Coax
50
Ω
Rout
50
Ω
50
Ω
Video
Output
250
Ω
250
Ω
250
Ω
250
Ω
0.1
µF
6.8
µF
-5V
0.1
µF
6.8
µF
+5V
Vin
Vout2 = -Vin
Vout2
Vout1 = Vin
Vout1
AV1 = 1V/V
AV2 = -1V/V
730038
REV B
730038 Bottom
Cut traces here
OUT2
GND
IN2
IN1
OUT1
+Vcc
-Vcc
ROUT2
RG2
RF2
C3
+
C4
+
C1
C2
ROUT1
RF1
RG1 RIN1
RIN2
Comlinear
(970) 226-0500
Cut traces here
730036 Top
http://www.national.com
6



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com