Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC417 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC417
Description  Dual Low-Power, Programmable Gain Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC417 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  CLC417 Datasheet HTML 1Page - National Semiconductor (TI) CLC417 Datasheet HTML 2Page - National Semiconductor (TI) CLC417 Datasheet HTML 3Page - National Semiconductor (TI) CLC417 Datasheet HTML 4Page - National Semiconductor (TI) CLC417 Datasheet HTML 5Page - National Semiconductor (TI) CLC417 Datasheet HTML 6Page - National Semiconductor (TI) CLC417 Datasheet HTML 7Page - National Semiconductor (TI) CLC417 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Features
s
0.01%, 0.03° DG, Dφ
s
High output current: 60mA
s
High input impedance: 6M
Ω
s
Gains of +1, +2 with no external
components
s
Low power
s
Very low input bias currents: 100nA
s
Excellent gain accuracy: 0.1%
s
High speed: 120MHz -3dB BW
s
Low-cost
Applications
s
Desktop video systems
s
Video distribution
s
Flash A/D driver
s
High-speed line driver
s
High-source impedance applications
s
Professional video processing
s
High resolution monitors
General Description
The CLC417 is a dual, low-cost, high-speed (120MHz) buffer which
features user-programmable gains of +2, +1, and -1V/V. The
CLC417’s high 60mA output current, coupled with its ultra-low
39mW per channel power consumption makes it the ideal choice for
demanding applications that are sensitive to both power and cost.
Utilizing National’s proven architectures, this dual current feedback
amplifier surpasses the performance of alternate solutions with a
closed-loop design that produces new standards for buffers in gain
accuracy, input impedance, and input bias currents. The CLC417’s
internal feedback network provides an excellent gain accuracy of
0.1%. High source impedance applications will benefit from the
CLC417’s 6M
Ω input impedance along with its exceptionally low
100nA input bias current.
With exceptional gain flatness and low differential gain and phase
errors, the CLC417 is very useful for professional video processing
and distribution. A 120MHz -3dB bandwidth coupled with a 400V/
µs
slew rate also make the CLC417 a perfect choice in cost-sensitive
applications such as video monitors, fax machines, copiers, and
CATV systems.
Back-terminated video applications will be
enhanced by a gain of +2 configuration which requires no external
gain components reducing costs and board space.
Frequency Response (AV = +2V/V)
Pinout
DIP & SOIC
-5V
0.1
µF
6.8
µF
+5V
0.1
µF
6.8
µF
Vout2
Vin1
CLC417
Vin2
Vout1
250
Ω
250
Ω
250
Ω
250
Ω
Vout1 – Vout2 = (Vin1 – Vin2) x 2
Typical Application
Differential Input/Differential Output Amplifier
CLC417
Dual Low-Power, Programmable Gain Buffer
September 1998
OUT1
-IN1
+IN1
-VCC
OUT2
-IN2
+IN2
+VCC
250
Ω
250
Ω
250
Ω
250
Ω
N
© 1998 National Semiconductor Corporation
http://www.national.com
Printed in the U.S.A.


Similar Part No. - CLC417

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC410 NSC-CLC410 Datasheet
519Kb / 8P
Fast Settling, Video Op Amp with Disable
logo
Texas Instruments
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
Fast Settling, Video Op Amp
logo
National Semiconductor ...
CLC411 NSC-CLC411 Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
logo
Texas Instruments
CLC411 TI1-CLC411 Datasheet
620Kb / 14P
High Speed Video Op Amp with Disable
logo
National Semiconductor ...
CLC411A8B NSC-CLC411A8B Datasheet
640Kb / 8P
High-Speed Video Op Amp with Disable
More results

Similar Description - CLC417

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC407 NSC-CLC407 Datasheet
328Kb / 8P
Low-Cost, Low-Power Programmable Gain Buffer with Disable
CLC5612 NSC-CLC5612 Datasheet
304Kb / 18P
Dual, High Output, Programmable Gain Buffer
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
Dual, High Output, Programmable Gain Buffer
LMH6718 NSC-LMH6718 Datasheet
846Kb / 16P
Dual, High Output, Programmable Gain Buffer
logo
Intersil Corporation
HFA1112 INTERSIL-HFA1112 Datasheet
243Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
December 2000
HFA1112 INTERSIL-HFA1112_05 Datasheet
481Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
HFA1412 INTERSIL-HFA1412_06 Datasheet
330Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
HFA1112IPZ INTERSIL-HFA1112IPZ Datasheet
488Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
July 27, 2005
logo
Renesas Technology Corp
HFA1112 RENESAS-HFA1112 Datasheet
814Kb / 14P
850MHz, Low Distortion Programmable Gain Buffer Amplifiers
HFA1412 RENESAS-HFA1412 Datasheet
738Kb / 13P
Quad, 350MHz, Low Power, Programmable Gain Buffer Amplifier
January 23, 2006
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com