Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS2153Q Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS2153Q
Description  E1 Single-Chip Transceiver
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2153Q Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS2153Q Datasheet HTML 17Page - Dallas Semiconductor DS2153Q Datasheet HTML 18Page - Dallas Semiconductor DS2153Q Datasheet HTML 19Page - Dallas Semiconductor DS2153Q Datasheet HTML 20Page - Dallas Semiconductor DS2153Q Datasheet HTML 21Page - Dallas Semiconductor DS2153Q Datasheet HTML 22Page - Dallas Semiconductor DS2153Q Datasheet HTML 23Page - Dallas Semiconductor DS2153Q Datasheet HTML 24Page - Dallas Semiconductor DS2153Q Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
DS2153Q
21 of 52
RRA
(receive remote
alarm)
bit 3 of non-align frame set to 1 for three
consecutive occasions
bit 3 of non-align frame set to 0 for
three consecutive occasions
O.162
2.1.4
RCL
(receive carrier
loss)
255 consecutive 0s received
in 255-bit times, at least 32 1s are
received
G.775
SR2: STATUS REGISTER 2 (Address=07 Hex)
(MSB)
(LSB)
RMF
RAF
TMF
SEC
TAF
LOTC
RCMF
TSLIP
SYMBOL
POSITION
NAME AND DESCRIPTION
RMF
SR2.7
Receive CAS Multiframe. Set every 2 ms (regardless if CAS
signaling is enabled or not) on receive multiframe boundaries.
Used to alert the host that signaling data is available.
RAF
SR2.6
Receive Align Frame. Set every 250 ms at the beginning of
align frames. Used to alert the host that Si and Sa bits are
available in the RAF and RNAF registers.
TMF
SR2.5
Transmit Multiframe. Set every 2
µs (regardless if CRC4 is
enabled) on transmit multiframe boundaries. Used to alert the
host that signaling data needs to be updated.
SEC
SR2.4
1-Second Timer. Set on increments of 1 second based on
RCLK. If CCR2.7=1, then this bit will be set every 62.5 ms
instead of once a second.
TAF
SR2.3
Transmit Align Frame. Set every 250
µs at the beginning of
align frames. Used to alert the host that the TAF and TNAF
registers need to be updated.
LOTC
SR2.2
Loss of Transmit Clock. Set when the TCLK pin has not
transitioned for one channel time (or 3.9
µs). Will force pin 16
high if enabled via TCR2.0. Based on RCLK.
RCMF
SR2.1
Receive
CRC4
Multiframe.
Set
on
CRC4
multiframe
boundaries; will continue to be set every 2 ms on an arbitrary
boundary if CRC4 is disabled.
TSLIP
SR2.0
Transmit Elastic Store Slip. Set when the elastic store has
either repeated or deleted a frame of data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com