Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370 Datasheet(PDF) 25 Page - Microchip Technology

Part # HCS370
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370 Datasheet(HTML) 25 Page - Microchip Technology

Back Button HCS370 Datasheet HTML 21Page - Microchip Technology HCS370 Datasheet HTML 22Page - Microchip Technology HCS370 Datasheet HTML 23Page - Microchip Technology HCS370 Datasheet HTML 24Page - Microchip Technology HCS370 Datasheet HTML 25Page - Microchip Technology HCS370 Datasheet HTML 26Page - Microchip Technology HCS370 Datasheet HTML 27Page - Microchip Technology HCS370 Datasheet HTML 28Page - Microchip Technology HCS370 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
2002 Microchip Technology Inc.
Preliminary
DS41111D-page 25
HCS370
Output Low Voltage
D080
VOL
Output pins
——
0.6
V
IOL = 8.5 mA, VDD = 4.5V
Output High Voltage
D090
VOH
Output pins
VDD-0.7
—
—
V
IOH = -3.0 mA, VDD = 4.5V
D091
VOH
LED
1.5
—
—
V
IOH = -0.5 mA, VDD = 4.5V
Internal Pull-down Resistance
D100
Rpd
S0 - S5, SHIFT
40
75
100
KOhms
If enabled
Data EEPROM Memory
D120
ED
Endurance
200K
1000K
—
E/W
25
°C at 5V
D121
Vdrw
VDD for Read/Write
2.05
—
5.5
V
D122
Tdew
Erase/Write Cycle Time(1)
—4
10
ms
Note 1: * These parameters are characterized but not tested.
2: † "Typ" column data is at 5.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
3:
The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading
and switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current
consumption.
4:
Should operate down to VBOR but not tested below 2.0V.
The test conditions for all IDD measurements in active Operation mode are: all I/O pins tristated, pulled to VDD. MCLR = VDD; WDT
enabled/disabled as specified. The power-down/shutdown current in SLEEP mode does not depend on the oscillator frequency. Power-
down current is measured with the part in SLEEP mode, with all I/O pins in hi-impedance state and tied to VDD or VSS. The
∆ current is
the additional current consumed when the WDT is enabled. This current should be added to the base IDD or IPD measurement.
TABLE 9-1:
DC CHARACTERISTICS: HCS370 (CONTINUED)
DC Characteristics
All Pins Except
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating Temperature 0
°C
≤ TA ≤ +70°C (Commercial)
-40
°C ≤ TA ≤ +85°C (Industrial)
Param
No.
Sym.
Characteristic
Min.
Typ.†
Max.
Units
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com