Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS370 Datasheet(PDF) 26 Page - Microchip Technology

Part # HCS370
Description  KEELOQ Code Hopping Encoder
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS370 Datasheet(HTML) 26 Page - Microchip Technology

Back Button HCS370 Datasheet HTML 22Page - Microchip Technology HCS370 Datasheet HTML 23Page - Microchip Technology HCS370 Datasheet HTML 24Page - Microchip Technology HCS370 Datasheet HTML 25Page - Microchip Technology HCS370 Datasheet HTML 26Page - Microchip Technology HCS370 Datasheet HTML 27Page - Microchip Technology HCS370 Datasheet HTML 28Page - Microchip Technology HCS370 Datasheet HTML 29Page - Microchip Technology HCS370 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
HCS370
DS41111D-page 26
Preliminary
2002 Microchip Technology Inc.
TABLE 9-2:
AC CHARACTERISTICS
Commercial (C):
TAMB =
0
°C to +70°C
Industrial (I):
TAMB = -40
°C to +85°C
2.05V < VDD < 5.5
Parameter
Sym.
Min.
Typ.(1)
Max.
Unit
Conditions
Timing Element
TE
90
—880
µs
BSEL = 00
2 (min) or
BSEL = 01
2
BSEL = 10
2
BSEL = 11
2 (max)
Power-up Time
TPU
—25
—
ms
PLL Set-up Time
TPLL
10
—
15
—
30
285
ms
ms
WAIT = 0
WAIT = 1
LED On Time
TLEDON
45
—
110
ms
LEDOS = 0 (min) or
LEDOS = 1 (max)
LED Off Time
TLEDOFF
450
500
550
ms
Guard Time
TG
1.8
5.6
46.1
96.1
2TE
6.4
51.2
102.4
112.6
7.0
56.3
42.6
ms
ms
ms
ms
GSEL = 00
2(min)
GSEL = 01
2
GSEL = 10
2
GSEL = 11
2(max)
Note 1: All timing values are subject to the oscillator variance. These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com