Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63VHDRP Datasheet(PDF) 1 Page - Mini-Circuits

Part # JSW2-63VHDRP
Description  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63VHDRP Datasheet(HTML) 1 Page - Mini-Circuits

  JSW2-63VHDRP Datasheet HTML 1Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 2Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 3Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 4Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPDT RF Switch
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
RF Switch with internal driver
Single Supply Voltage, +2.3V to +5.5V
High Power
JSW2-63VHDRP+
CASE STYLE: MT2140
The Big Deal
• High power handling, 2.5W @2 GHz
• High IIP3, +75 dBm
• Low insertion loss, 0.4 dB
• Fast switching, 2µs
• Tiny Size, 2x2mm
Product Overview
Mini-Circuits’ JSW2-63VHDRP+ is a reflective symmetric MMIC SPDT switch with an internal CMOS driver
designed for wideband operation from 5 to 6000 MHz. This model provides power handling up to 2.5W
with low insertion loss, high dynamic range, and fast switching speed in a tiny 2x2mm 12-Lead MCLP
package. JSW2-63VHDRP+ operates on a single positive supply voltage with low current consumption of
just 120µA. Produced using a Silicon-on-Insulator process, it provides a high level of ESD protection and
excellent repeatability.
The switching logic for this model sets the switch from COM to RF1 with control voltage in the low state and
COM to RF2 with control voltage in the high state. Alternative model (JSW2-63VHDRG+) is also available
with opposite switching logic for your convenience.
Key Features
Feature
Advantages
Wideband, 5 to 6000 MHz
One model can be used in many applications, saving component count. Also
ideal for wideband applications such as military and instrumentation.
High power and low loss
• 2.5W power handling @ 2 GHz
• 0.4 dB insertion loss
Supports applications with a range of power requirements with excellent trans-
mission of signal power from input to output.
High Isolation
• 68 dB at 100 MHz
• 20 dB at 5000 MHz
High isolation significantly reduces leakage of power into OFF ports.
High linearity,
• +75 dBm IIP3
• +115 dBm IIP2
High linearity minimizes unwanted intermodulation products which are difficult
or impossible to filter in multi-carrier environments, or in the presence of strong
interfering signal from adjacent circuitry or received by antenna.
Built-in CMOS driver
Eliminates the need for an external driver, saving PCB space and cost.
Tiny size, 2 x 2mm QFN package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable
transitions, and excellent thermal contact to the PCB.


Similar Part No. - JSW2-63VHDRP

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JSW2-63VHDRG MINI-JSW2-63VHDRG Datasheet
304Kb / 5P
SPDT RF Switch
JSW2-63VHDRG+ MINI-JSW2-63VHDRG+ Datasheet
304Kb / 5P
SPDT RF Switch
More results

Similar Description - JSW2-63VHDRP

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4266 NSC-LH4266 Datasheet
148Kb / 8P
SPDT RF Switch
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
logo
Spectrum Microwave, Inc...
TWD2207 SPECTRUM-TWD2207 Datasheet
51Kb / 1P
SPDT RF SWITCH
TWD5001 SPECTRUM-TWD5001 Datasheet
56Kb / 1P
SPDT RF SWITCH
TWD5002 SPECTRUM-TWD5002 Datasheet
60Kb / 1P
SPDT RF SWITCH
TWP2219 SPECTRUM-TWP2219 Datasheet
58Kb / 1P
SPDT RF SWITCH
logo
Mini-Circuits
HSW2-272VHDR MINI-HSW2-272VHDR Datasheet
300Kb / 5P
SPDT RF Switch
MSW2-50 MINI-MSW2-50 Datasheet
280Kb / 6P
SPDT RF Switch
ZSW2-272VHDR MINI-ZSW2-272VHDR Datasheet
542Kb / 6P
SPDT RF Switch
ZASW-2-50DRA MINI-ZASW-2-50DRA Datasheet
323Kb / 5P
SPDT RF Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com