Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JSW2-63VHDRP Datasheet(PDF) 2 Page - Mini-Circuits

Part # JSW2-63VHDRP
Description  SPDT RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW2-63VHDRP Datasheet(HTML) 2 Page - Mini-Circuits

  JSW2-63VHDRP Datasheet HTML 1Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 2Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 3Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 4Page - Mini-Circuits JSW2-63VHDRP Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SPDT RF Switch
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Product Features
• High Power, 2.5W at 2 GHz
• Low insertion loss, 0.4 dB typ. at 3 GHz
• High IIP3, 75 dBm typ. from 100-6000 MHz
• Low current consumption, 120
µA typ.
• Immune to latch up
Typical Applications
• Defense
• Communication Infrastructure
• Test and Measurements
General Description
JSW2-63VHDRP+ is a high power reflective symmetric SPDT switch with integral CMOS driver, operates
with single positive supply voltage while consuming, 120
µA typical. It has been designed for wide band
operation. It is packaged in a tiny 2x2 mm, 12-lead package and is rated MSL1 and passes 1KV for ESD
(HBM).
JSW2-63VHDRP+
REV. A
M161454
JSW2-63VHDRP+
RS/CP
180329
50
Ω
5 - 6000 MHz
CASE STYLE: MT2140
Simplified Schematic and Pad Description
RF Switch with internal driver
Single Supply Voltage, +2.3V to +5.5V
Function
Pad
Number
Description
RF COM
5
RF common/ SUM port*
RF1
8
RF OUT #1 / IN port*
RF2
2
RF OUT #2 / IN port*
Control
10
CMOS Control IN
LS
11
Connect to Pad 12 via R1, connect to ground via R2
VDD
12
Supply
DGND
9
Digital Ground
GND
1,3,4,6,7, Paddle
RF Ground
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
*Must be held at 0Vdc. If required, add DC blocking capacitors to prevent DC on these ports.
High Power



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com