Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1806CS8 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1806CS8
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS8 Datasheet(HTML) 3 Page - Linear Technology

  LT1806CS8 Datasheet HTML 1Page - Linear Technology LT1806CS8 Datasheet HTML 2Page - Linear Technology LT1806CS8 Datasheet HTML 3Page - Linear Technology LT1806CS8 Datasheet HTML 4Page - Linear Technology LT1806CS8 Datasheet HTML 5Page - Linear Technology LT1806CS8 Datasheet HTML 6Page - Linear Technology LT1806CS8 Datasheet HTML 7Page - Linear Technology LT1806CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LT1806
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Disable Supply Current
VS = 5V, VSHDN = 0V
0.30
0.9
mA
VS = 3V, VSHDN = 0V
0.16
0.7
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
325
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL = 1k, VO = 4VP-P
130
V/
µs
THD
Total Harmonic Distortion
VS = 5V, AV = 1, RL = 1k,
–78
dB
VO = 2VP-P, fC = 5MHz
tS
Settling Time
0.01%, VS = 5V, VSTEP = 2V, AV = 1, RL = 1k
60
ns
∆G
Differential Gain (NTSC)
VS = 5V, AV = 2, RL = 150
0.015
%
∆θ
Differential Phase (NTSC)
VS = 5V, AV = 2, RL = 150
0.05
Deg
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V
+
q
200
700
µV
VCM = V–
q
200
700
µV
VOS TC
Input Offset Voltage Drift (Note 8)
VCM = V+
q
1.5
5
µV/°C
VCM = V–
q
1.5
5
µV/°C
∆VOS
Input Offset Voltage Shift
VCM = V
– to V+
q
100
700
µV
IB
Input Bias Current
VCM = V+ – 0.1V
q
15
µA
VCM = V– + 0.2V
q
–14
–5
µA
∆IB
Input Bias Current Shift
VCM = V– + 0.2V to V+ – 0.1V
q
619
µA
IOS
Input Offset Current
VCM = V+ – 0.1V
q
0.03
0.75
µA
VCM = V
– + 0.2V
q
0.05
1.8
µA
∆IOS
Input Offset Current Shift
VCM = V
– + 0.2V to V+ – 0.1V
q
0.08
2.55
µA
AVOL
Large Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1kΩ
q
75
175
V/mV
VS = 5V, VO = 1V to 4V, RL = 100Ω
q
920
V/mV
VS = 3V, VO = 0.5V to 2.5V, RL = 1kΩ
q
65
140
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V– to V+
q
77
94
dB
VS = 3V, VCM = V– to V+
q
72
89
dB
Input Common Mode Range
q
V–
V+
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
q
89
105
dB
Minimum Supply Voltage (Note 6)
q
2.3
2.5
V
VOL
Output Voltage Swing LOW (Note 7)
No Load
q
860
mV
ISINK = 5mA
q
50
150
mV
ISINK = 25mA
q
180
450
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
q
30
80
mV
ISOURCE = 5mA
q
110
220
mV
ISOURCE = 25mA
q
370
750
mV
ISC
Short-Circuit Current
VS = 5V
q
±30
±65
mA
VS = 3V
q
±25
±55
mA
IS
Supply Current
q
10
14
mA
Disable Supply Current
VS = 5V, VSHDN = 0V
q
0.3
1.1
mA
VS = 3V, VSHDN = 0V
q
0.18
0.9
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
q
300
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL= 1k, VO = 4VP-P
q
100
V/
µs
The q denotes specifications which apply over the 0
°C < TA < 70°C temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open;
VCM = VOUT = half supply unless otherwise noted.
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com