Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1806CS8 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1806CS8
Description  325MHz,140V/ms Rail-to-Rail Input and Output Low Distortion, Low Noise Precision Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1806CS8 Datasheet(HTML) 5 Page - Linear Technology

  LT1806CS8 Datasheet HTML 1Page - Linear Technology LT1806CS8 Datasheet HTML 2Page - Linear Technology LT1806CS8 Datasheet HTML 3Page - Linear Technology LT1806CS8 Datasheet HTML 4Page - Linear Technology LT1806CS8 Datasheet HTML 5Page - Linear Technology LT1806CS8 Datasheet HTML 6Page - Linear Technology LT1806CS8 Datasheet HTML 7Page - Linear Technology LT1806CS8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LT1806
5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = V+
100
650
µV
VCM = V–
100
650
µV
∆VOS
Input Offset Voltage Shift
VCM = V– to V+
50
600
µV
IB
Input Bias Current
VCM = V+
15
µA
VCM = V–
–14
–5
µA
∆IB
Input Bias Current Shift
VCM = V– to V+
619
µA
IOS
Input Offset Current
VCM = V+
0.03
0.7
µA
VCM = V
–
0.04
1.6
µA
∆IOS
Input Offset Current Shift
VCM = V
– to V+
0.07
2.3
µA
Input Noise Voltage
0.1Hz to 10Hz
40
nVP-P
en
Input Noise Voltage Density
f = 10kHz
3.5
nV/
√Hz
in
Input Noise Current Density
f = 10kHz
5
pA/
√Hz
CIN
Input Capacitance
f = 100kHz
2
pF
AVOL
Large Signal Voltage Gain
VO = –4V to 4V, RL = 1kΩ
120
300
V/mV
VO = –2.5V to 2.5V, RL = 100Ω
12
27
V/mV
CMRR
Common Mode Rejection Ratio
VCM = V– to V+
84
106
dB
Input Common Mode Range
V –
V+
V
PSRR
Power Supply Rejection Ratio
V+ = 2.5V to 10V, VCM = 0V
91
105
dB
VOL
Output Voltage Swing LOW (Note 7)
No Load
10
60
mV
ISINK = 5mA
45
140
mV
ISINK = 25mA
180
450
mV
VOH
Output Voltage Swing HIGH (Note 7)
No Load
20
70
mV
ISOURCE = 5mA
90
200
mV
ISOURCE = 25mA
360
700
mV
ISC
Short-Circuit Current
±40
±85
mA
IS
Supply Current
11
16
mA
Disable Supply Current
VSHDN = 0V
0.4
1.2
mA
GBW
Gain Bandwidth Product
Frequency = 2MHz
180
325
MHz
SR
Slew Rate
AV = –1, RL = 1k, VO = ±4V,
70
140
V/
µs
Measure at VO = ±2V
THD
Total Harmonic Distortion
AV = 1, RL = 1k, VO = 2VP-P, fC = 5MHz
–80
dB
tS
Settling Time
0.01%, VSTEP = 5V, AV = 1, RL = 1k
85
ns
∆G
Differential Gain (NTSC)
AV = 2, RL = 150
0.01
%
∆θ
Differential Phase (NTSC)
AV = 2, RL = 150
0.01
Deg
ELECTRICAL CHARACTERISTICS
TA = 25°C. VS = ±5V, VSHDN = open; VCM = 0V, VOUT = 0V unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com