Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD60R280P7 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD60R280P7
Description  600V CoolMOS짧 P7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R280P7 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD60R280P7 Datasheet HTML 1Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 2Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 3Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 4Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 5Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 6Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 7Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 8Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPD60R280P7
Rev.2.1,2018-03-02
Final Data Sheet
tab
1
2
3
DPAK
Drain
Pin 2
Gate
Pin 1
Source
Pin 3
MOSFET
600VCoolMOSªP7PowerTransistor
TheCoolMOS™7thgenerationplatformisarevolutionarytechnologyfor
highvoltagepowerMOSFETs,designedaccordingtothesuperjunction
(SJ)principleandpioneeredbyInfineonTechnologies.The600V
CoolMOS™P7seriesisthesuccessortotheCoolMOS™P6series.It
combinesthebenefitsofafastswitchingSJMOSFETwithexcellentease
ofuse,e.g.verylowringingtendency,outstandingrobustnessofbody
diodeagainsthardcommutationandexcellentESDcapability.
Furthermore,extremelylowswitchingandconductionlossesmake
switchingapplicationsevenmoreefficient,morecompactandmuch
cooler.
Features
•Suitableforhardandsoftswitching(PFCandLLC)duetoanoutstanding
 commutationruggedness
•Significantreductionofswitchingandconductionlosses
•ExcellentESDrobustness>2kV(HBM)forallproducts
•BetterRDS(on)/packageproductscomparedtocompetitionenabledbya
 lowRDS(on)*A(below1Ohm*mm²)
Benefits
•Easeofuseandfastdesign-inthroughlowringingtendencyandusage
 acrossPFCandPWMstages
•Simplifiedthermalmanagementduetolowswitchingandconduction
 losses
•Increasedpowerdensitysolutionsenabledbyusingproductswith
 smallerfootprintandhighermanufacturingqualitydueto>2kVESD
 protection
•Suitableforawidevarietyofapplicationsandpowerranges
Potentialapplications
PFCstages,hardswitchingPWMstagesandresonantswitchingstages
fore.g.PCSilverbox,Adapter,LCD&PDPTV,Lighting,Server,Telecom
andUPS.
ProductValidation:Fullyqualifiedacc.JEDECforIndustrialApplications
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
280
m
Ω
Qg,typ
18
nC
ID,pulse
36
A
Eoss @ 400V
2.1
µJ
Body diode diF/dt
900
A/µs
Type/OrderingCode
Package
Marking
RelatedLinks
IPD60R280P7
PG-TO 252-3
60R280P7
see Appendix A


Similar Part No. - IPD60R280P7

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPD60R280P7 ISC-IPD60R280P7 Datasheet
336Kb / 2P
N-Channel MOSFET Transistor
IPD60R280P7S ISC-IPD60R280P7S Datasheet
335Kb / 2P
N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
More results

Similar Description - IPD60R280P7

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R080P7 INFINEON-IPB60R080P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R120P7 INFINEON-IPB60R120P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPB60R280P7 INFINEON-IPB60R280P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-29
IPD60R180P7S INFINEON-IPD60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-06-12
IPL60R085P7 INFINEON-IPL60R085P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPL60R125P7 INFINEON-IPL60R125P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-09-19
IPA60R360P7 INFINEON-IPA60R360P7 Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-02
IPD60R280P7S INFINEON-IPD60R280P7S Datasheet
921Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2018-04-25
IPA60R080P7 INFINEON-IPA60R080P7 Datasheet
985Kb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.0,2017-05-18
IPAW60R180P7S INFINEON-IPAW60R180P7S Datasheet
1Mb / 14P
600V CoolMOS짧 P7 Power Transistor
Rev.2.1,2017-03-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com