Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPD60R280P7 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPD60R280P7
Description  600V CoolMOS짧 P7 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD60R280P7 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPD60R280P7 Datasheet HTML 6Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 7Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 8Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 9Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 10Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 11Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 12Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 13Page - Infineon Technologies AG IPD60R280P7 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOSªP7PowerTransistor
IPD60R280P7
Rev.2.1,2018-03-02
Final Data Sheet
6PackageOutlines
2.5
REVISION
06
05-02-2016
ISSUE DATE
EUROPEAN PROJECTION
0
SCALE
5mm
0
2.5
DOCUMENT NO.
Z8B00003328
MILLIMETERS
4.57 (BSC)
2.29 (BSC)
L4
D
N
H
E1
e1
e
E
D1
L3
1.18
0.51
0.89
5.02
9.40
6.35
4.32
5.97
3
b3
A
DIM
b2
c
b
c2
A1
4,95
MIN
2.16
0.64
0.46
0.65
0.40
0.00
0.046
0.020
0.035
0.198
0.250
0.185
0.235
0.370
1.78
1.02
5.21
5.84
6.22
6.73
1.27
10.48
0.180 (BSC)
0.090 (BSC)
3
0.070
0.205
0.040
0.230
0.265
0.050
0.245
0.413
0.195
0.085
0.025
0.018
0.026
0.016
0.000
5.50
MAX
2.41
0.15
1.15
0.61
0.89
0.98
INCHES
MIN
0.217
MAX
0.006
0.095
0.035
0.024
0.045
0.039
L
Figure1OutlinePG-TO252-3,dimensionsinmm/inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com