Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBD352W Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # MMBD352W
Description  Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD352W Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD352W Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD352W Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited MMBD352W Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Production specification
Schottky Barrier Diode
MMBD352W
F070
www.gmesemi.com
Rev.A
1
FEATURES
Very low capacitance-less than 1.0Pf
@zero volts.
Low forward voltage-0.5 Voltage(Typ.)
@IF=10mA.
APPLICATIONS
For UHF mixer applications.
SOT-323
ORDERING INFORMATION
Type No.
Marking
Package Code
MMBD352W
M5
SOT-323
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Limits
Unit
Continuous reverse voltage
VR
7.0
V
Power Dissipation
Pd
200
mW
Thermal resistance junction-to-ambient
RθJA
625
Junction temperature
Tj
150
℃
Storage temperature range
Tstg
-55 to +150
℃
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test
conditions
MIN
Typ.
MAX
UNIT
Reverse current
IR
VR=3V
VR=7V
0.25
10
μA
Forward voltage
VF
IF=10mA
0.60
V
Diode capacitance
CD
VR=0V, f=1MHz
1.0
pF
Pb
Lead-free


Similar Part No. - MMBD352W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD352W PANJIT-MMBD352W Datasheet
89Kb / 3P
SURFACE MOUNT HIGH FREQUENCY SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
MMBD352W LUGUANG-MMBD352W Datasheet
254Kb / 2P
Schottky Barrier Diodes
logo
Diode Semiconductor Kor...
MMBD352W DSK-MMBD352W Datasheet
208Kb / 3P
Schottky Barrier Diode
logo
Galaxy Semi-Conductor H...
MMBD352W BILIN-MMBD352W Datasheet
146Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Won-Top Electronics
MMBD352W WTE-MMBD352W Datasheet
52Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
April, 2012
More results

Similar Description - MMBD352W

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com