Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R1 Datasheet(PDF) 4 Page - Littelfuse

Part # 250R120-R1
Description  The 250R Series is designed to protect against short duration high voltage fault currents
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R1 Datasheet(HTML) 4 Page - Littelfuse

  250R120-R1 Datasheet HTML 1Page - Littelfuse 250R120-R1 Datasheet HTML 2Page - Littelfuse 250R120-R1 Datasheet HTML 3Page - Littelfuse 250R120-R1 Datasheet HTML 4Page - Littelfuse 250R120-R1 Datasheet HTML 5Page - Littelfuse 250R120-R1 Datasheet HTML 6Page - Littelfuse 250R120-R1 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 250R Series
Environmental Specifications
Operating/Storage
Temperature
-40°C to +85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
65°C/85°C, 1000 hours
Humidity Aging
+85°C, 85% R.H,.1000 hours
Thermal Shock
MIL–STD–202, Method 107
+125°C to -55°C 10 times
Solvent Resistance
MIL–STD–202, Method 215
Moisture Sesitivity Level
Level 1, J–STD–020
Physical Specifications
Lead Material
Tin-plated Copper
Soldering
Characteristics
Solderability per MIL–STD–202,
Method 208
Insulating Material
Cured, flame retardant epoxy polymer
meets UL94V-0 requirements.
Device Labeling
Marked with 'LF', voltage, current rating,
and date code.
Soldering Parameters - Wave Soldering
Condition
Wave Soldering
PeakTemp/ DurationTime
260°C < 5 Sec
> 220°C
2 Sec ~ 20 Sec
Preheat 140°C ~ 180°C
180 Sec ~ 210 Sec
Storage Condition
0°C~35°C < 70%RH
• Recommended soldering methods: heat element oven or
N
2 environment for lead-free.
• Devices are designed to be wave soldered to the bottom
side of the board.
• Devices can be cleaned using standard industry methods
and solvents.
• This profile can be used for lead-free device
Note: If soldering temperatures exceed the recommended
profile, devices may not meet the performance
requirements.
Preheating
160
190
220
260
0
2 to 5
Soldering
Cooling
20-30
180 to 210
Time(s)
Disclaimer Notice - Information furnished is believed to be accurate and reliable. However, users should independently evaluate the suitability of and
test each product selected for their own applications. Littelfuse products are not designed for, and may not be used in, all applications.
Read complete Disclaimer Notice at www.littelfuse.com/disclaimer-electronics.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com