Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R1 Datasheet(PDF) 5 Page - Littelfuse

Part # 250R120-R1
Description  The 250R Series is designed to protect against short duration high voltage fault currents
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R1 Datasheet(HTML) 5 Page - Littelfuse

  250R120-R1 Datasheet HTML 1Page - Littelfuse 250R120-R1 Datasheet HTML 2Page - Littelfuse 250R120-R1 Datasheet HTML 3Page - Littelfuse 250R120-R1 Datasheet HTML 4Page - Littelfuse 250R120-R1 Datasheet HTML 5Page - Littelfuse 250R120-R1 Datasheet HTML 6Page - Littelfuse 250R120-R1 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 250R Series
Part Marking System
B
B
C
A
A
Figure 1
E
D
C
E
Figure 2
D
F
F
250
080
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
250
120
XXXX
Dimensions
B
B
C
A
A
Figure 1
E
D
C
E
Figure 2
D
F
F
250
080
XXXX
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
Voltage Rating
Current Rating
Date Code
(Contact Littelfuse
for additional
information)
Littelfuse
Trademark
250
120
XXXX
Figure 2
Figure 1
Part Number
Figure
A
B
C
D
E
Physical Characteristics
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Inches
mm
Lead (dia)
Material
Max.
Max.
Max.
Max.
Max.
Max.
Min.
Min.
Typ.
Typ.
Inches
mm
250R080
1
0.23
5.8
0.39
9.9
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R080T
1
0.23
5.8
0.39
9.9
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RA
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RC
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-RF
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R1
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R2
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120-R3
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R120T
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145-RA
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145-RB
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R145T
2
0.27
6.8
0.43
11
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R180
1
0.37
9.5
0.47
12
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
250R180T
1
0.37
9.5
0.47
12
0.18
4.6
0.19
4.7
0.20
5.1
0.026
0.65
Sn/Cu
WARNING
• Users shall independently assess the suitability of these devices for each of their applications
• Operation of these devices beyond the stated maximum ratings could result in damage to the devices and lead to electrical arcing and/or fire
• These devices are intended to protect against the effects of temporary over-current or over-temperature conditions and are not intended to perform as protective devices where such
conditions are expected to be repetitive or prolonged in duration
• Exposure to silicon-based oils, solvents, electrolytes, acids, and similar materials can adversely affect the performance of these PPTC devices
• These devices undergo thermal expansion under fault conditions, and thus shall be provided with adequate space and be protected against mechanical stresses
• Circuits with inductance may generate a voltage (L di/dt) above the rated voltage of the PPTC device.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com