Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2 Datasheet(PDF) 7 Page - Littelfuse

Part # 250R120-R2
Description  The 250R Series is designed to protect against short duration high voltage fault currents
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Datasheet(HTML) 7 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 250R Series
Dimension
EIA Mark
IEC Mark
Dimensions
Dim. (mm)
Tol. (mm)
Carrier tape width
W
W
18
–0.5 / +1.0
Hold down tape width
W
4
W
0
11
min.
Top distance between tape edges
W
6
W
2
3
max.
Sprocket hole position
W
5
W
1
9
–0.5 / +0.75
Sprocket hole diameter*
D
0
D
0
4
–0.32 / +0.2
Abscissa to plane (straight lead)
H
H
18.5
–/+ 3.0
Abscissa to plane (kinked lead)
H
0
H
0
16
–/+ 0.5
Abscissa to top
H
1
H
1
32.2
max.
Overall width without lead protrusion
C
1
42.5
max.
Overall width with lead protrusion
C
2
43.2
max.
Lead protrusion
L
1
l
1
1.0
max.
Protrusion of cut out
L
L
11
max.
Protrusion beyond hold–down tape
l
2
l
2
Not specified
Sprocket hole pitch: 250R080–250R145
P
0
P
0
12.7
–/+ 0.3
Sprocket hole pitch: 250R180
P
0
P
0
25.4
–/+ 0.5
Pitch tolerance
20
consecutive.
–/+ 1
Device pitch: 250R080–250R145
12.7
Device pitch: 250R180
25.4
Tape thickness
t
t
0.9
max.
Tape thickness with splice
t
1
2.0
max.
Splice sprocket hole alignment
0
–/+ 0.3
Body lateral deviation
Δh
Δh
0
–/+ 1.0
Body tape plane deviation
Δp
Δp
0
–/+ 1.3
Ordinate to adjacent component lead*
P
1
P
1
3.81
–/+ 0.7
Lead spacing
F
F
5.1
–/+ 0.7
*Differs from EIA Specification
Tape and Ammo Specifications
Devices taped using EIA468-B/IE286-2 standards. See table below and Figure 1 for details.
Tape and Ammo Diagram
A
B
A1
L1
P0
D0
F
L
W4
H0
I2
H1
W5
W
Reference plane
∆h
∆h
H1
H
C1
C2
∆h
∆p
Direction of unreeling
Cross section A - B
t
Cross section
Optional shape: Circular or polygonal
Direction
of
unreeling
Reel
Tape
Upper side
Lower side
w1
w2
Figure 1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com