Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

250R120-R2 Datasheet(PDF) 1 Page - Littelfuse

Part # 250R120-R2
Description  The 250R Series is designed to protect against short duration high voltage fault currents
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

250R120-R2 Datasheet(HTML) 1 Page - Littelfuse

  250R120-R2 Datasheet HTML 1Page - Littelfuse 250R120-R2 Datasheet HTML 2Page - Littelfuse 250R120-R2 Datasheet HTML 3Page - Littelfuse 250R120-R2 Datasheet HTML 4Page - Littelfuse 250R120-R2 Datasheet HTML 5Page - Littelfuse 250R120-R2 Datasheet HTML 6Page - Littelfuse 250R120-R2 Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
POLY-FUSE® Resettable PTCs
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 03/22/17
Radial Leaded > 250R Series
The 250R Series is designed to protect against short
duration high voltage fault currents (power cross or power
induction surge) typically found in telecom applications
(250Vrms). The series can be used to help telecom
networking equipment meet the protection requirements
specified in ITU K.20 and K.21.
Electrical Characteristics
Part Number
I
hold
(A)
I
trip
(A)
V
max
V
int / Vop
I
max
(A)
P
d
typ.
(W)
MaximumTime
ToTrip
Resistance
Agency
Approvals
Current
(A)
Time
(Sec.)
R
min
(Ω)
R
typ
(Ω)
R
1max
(Ω)
250R080
0.08
0.16
250/60
3
1
0.35
4.0
14
22
33
X
X
250R080T
0.08
0.16
250/60
3
1
0.35
4.0
15
22
33
X
X
250R120
0.12
0.24
250/60
3
1
1
2.5
4
8
16
X
X
250R120-RA
0.12
0.24
250/60
3
1
1
2.5
7
9
16
X
X
250R120-RC
0.12
0.24
250/60
3
1
1
3.0
5.4
7.5
14
X
X
250R120-RF
0.12
0.24
250/60
3
1
1
2.5
6
10.5
16
X
X
250R120-R1
0.12
0.24
250/60
3
1
1
2.5
6
9
16
X
X
250R120-R2
0.12
0.24
250/60
3
1
1
2.5
8
10.5
16
X
X
250R120-R3
0.12
0.24
250/60
3
1
1
2.5
8
10
16
X
X
250R120T
0.12
0.24
250/60
3
1
1
2.5
7
12
16
X
X
250R145
0.145
0.29
250/60
3
1
1
2.5
3
6
14
X
X
250R145-RA
0.145
0.29
250/60
3
1
1
2.5
3
5.5
12
X
X
250R145-RB
0.145
0.29
250/60
3
1
1
2.5
4.5
6
14
X
X
250R145T
0.145
0.29
250/60
3
1
1
2.5
5.4
7.5
14
X
X
250R180
0.18
0.65
250/60
10
1.8
1
20
0.8
2.2
4
X
X
250R180T
0.18
0.65
250/60
10
1.8
1
21
1.4
3.9
4.5
X
X
Items with T at end of part number = pre-tripped device. See Part Ordering Number System section of this data sheet for additional information.
Description
Features
Applications
• 0.08 – 0.18 hold current
range, 60VDC operating
voltage
• 250VAC interrupt rating
• Fast time–to-trip
• Binned and sorted narrow
resistance ranges available
• RoHS compliant, Lead-
Free and Halogen-Free*
• Customer Premises
Equipment (CPE)
• Central Office (CO)/
telecom centers
• LAN/WAN equipment
• Access equipment
Agency Approvals
I
hold = Hold current: maximum current device will pass without tripping in 20°C still air.
I
trip = Trip current: minimum current at which the device will trip in 20°C still air.
V
int = Maximum voltage the device can withstand without damage at rated current (I max)
V
op= The device regular operation voltage
I
max = Maximum fault current device can withstand without damage at rated voltage (Vmax)
P
d = Power dissipated from device when in the tripped state at 20°C still air.
R
min = Minimum resistance of device in initial (un-soldered) state.
R
typ = Typical resistance of device in initial (un-soldered) state.
R
1max = Maximum resistance of device at 20°C measured one hour after tripping.
Caution: Operation beyond the specified rating may result in damage and possible arcing
and flame.
* Effective January 1, 2010, all 250R PTC products will be manufactured Halogen Free (HF). Existing Non-Halogen Free 250R PTC products may continue to be sold, until supplies are depleted.
RoHS
*
250R Series
AGENCY
AGENCY FILE NUMBER
E183209
R50120008


Similar Part No. - 250R120-R2

ManufacturerPart #DatasheetDescription
logo
Littelfuse
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
378Kb / 6P
POLYFUSE Resettable PTCs Radial Leaded
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
Fast time - to - trip Access equipment Lan/Wan equipment
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
POLY-FUSE짰 Resettable PTCs Radial Leaded > 250R Series
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
267Kb / 7P
POLYFUSE짰 Resettable PTCs
250R120-R2 LITTELFUSE-250R120-R2 Datasheet
619Kb / 7P
POLY-FUSE Resettable PTCs
More results

Similar Description - 250R120-R2

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-SMBJ440A YFWDIODE-SMBJ5.0A-SMBJ440A Datasheet
1Mb / 5P
The SMBJ series is designed specifically to protect
logo
Littelfuse
SMAJ LITTELFUSE-SMAJ Datasheet
991Kb / 6P
The SMAJ series is designed specifically to protect
600R LITTELFUSE-600R Datasheet
659Kb / 6P
The 600R Series is designed to protect against power fault events typically found in telecom applications
TPSMB LITTELFUSE-TPSMB Datasheet
982Kb / 6P
The TPSMB series is designed specifically to protect
logo
SHIKUES Electronics
SMDJ5.0AG SKTECHNOLGY-SMDJ5.0AG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
SMDJ5.0CAG SKTECHNOLGY-SMDJ5.0CAG Datasheet
482Kb / 4P
The SMDJ series is designed specifically to protect
logo
Guangdong Youtai Semico...
LESD3Z5.0CMT1G UMW-LESD3Z5.0CMT1G Datasheet
463Kb / 4P
The LESD3Z5.0CMT1G is designed to protect voltage
LESD5D5.0CT1G UMW-LESD5D5.0CT1G Datasheet
405Kb / 4P
The LESD5D5.0CT1G is designed to protect voltage
LESD8D7.0CAT5G UMW-LESD8D7.0CAT5G Datasheet
367Kb / 4P
The LESD8D7.0CA is designed to protect
LESD8LH5.0CT5G UMW-LESD8LH5.0CT5G Datasheet
456Kb / 4P
The LESD8LH5.0CT5G is designed to protect
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com