Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC261 Datasheet(PDF) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC261
Description  AC Series does not require AC/DC converters associated with other standard COB types
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC261 Datasheet(HTML) 11 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CLC261 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 12Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 13Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 14Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 15Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Ref.CE-P3410 12/04
7. Precaution
7-1. Handling with care for this product
-Both the light emitting area and white dam over the light emitting area is composed of resin materials.
Please avoid the resin area from being pressed, stressed, rubbed, come into contact with sharp metal nail
(e.g. edge of reflector part) because the function, performance and reliability of this product
are negatively impacted.
-Please be aware that this product should not come into contact with any other parts
while incorporating in your lighting apparatus or your other products.
7-2. Countermeasure against static electricity
-Handling of this product needs countermeasures against static electricity
because this is a semiconductor product.
-Please take adequate measures to prevent any static electricity being produced
such as the wearing of a wristband or anti-static gloves when handling this product.
-Every manufacturing facility in regard to the product (plant, equipment, machine, carrier machine
and conveyance unit) should be connected to ground and please avoid the product to be electric-charged.
7-3. Caution of product assembly
-Regarding this product assembling on the heat sink, it is recommended to use thermal conductivity
glue or grease, and please optimize the assembly conditions according to
the specifications of the thermal conductivity glue or grease.
Please don't fix this product on Heat sink by screw directly to prevent breaking ceramic substrate.
In addition, please don’t press with excess stress on the product while the assembly.
And, the surfaces of thermal conductivity glue or grease, should be kept clean,
therefore please remove pollution, fluid and oil on the surfaces.
-Roughness, unevenness and burr of surface negatively impact thermal bonding
between the product and heat sink and increase heat thermal resistance between them.
Confidence of thermally and mechanical coupling between the product and heat sink might be confirmed
by checking the mounting surface and measuring the case temperature of the product.
-Heat sink should be covered under the yellow resin area locating on the side of center light emitting area
because it generates heat as same as emitting area.
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com