Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLC261 Datasheet(PDF) 2 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CLC261
Description  AC Series does not require AC/DC converters associated with other standard COB types
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLC261 Datasheet(HTML) 2 Page - CITIZEN ELECTRONICS CO., LTD.

  CLC261 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLC261 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Ref.CE-P3410 12/04
1. Introduction
1-1. Product Description
1-2. Features
AC Series is the new type of LED package AC-Driver embedded in the standard COB(Chip on Board) package.
AC Series does not require AC/DC converters associated with other standard COB types.
2
CLC261 - 25 280 27 3 M1 - B009
Z
[1]
[2]
[3]
[4] [5] [6]
[1]
[2]
[3]
[4]
[5]
[6]
CRI (Ra)
25 : 25W
2700K
3-step MacAdam Ellipse
Min.80
Product Nomenclature
Product shape
Power Dissipation
Nominal CCT
Chromaticity range
CLC261
Luminous Flux
280 : 2800 lm
・
Mechanical Dimensions
: 32.0 x 25.0 x 1.6 (mm)
・
Package Structure
: Ceramic Base Chip on Board
・
Ceramic Base
: material AZ214T(Certificate Number 20140905-E356524)
・
Reference Assembly
: By Holder + M3screw, Thermally conductive glue
・
CRI (Ra)
: Min.80
・
Nominal CCT
: 2,700K, 3,000K, 4,000K, 5,000K ( CRI(Ra) 80Min. )
・
Chromaticity Range
: 3-step MacAdam Ellipse, the center refers to ANSI C78.377:2011.
・
Thermal Resistance
: 2.1C/W
・
RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com