Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3992 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LP3992 Datasheet HTML 1Page - National Semiconductor (TI) LP3992 Datasheet HTML 2Page - National Semiconductor (TI) LP3992 Datasheet HTML 3Page - National Semiconductor (TI) LP3992 Datasheet HTML 4Page - National Semiconductor (TI) LP3992 Datasheet HTML 5Page - National Semiconductor (TI) LP3992 Datasheet HTML 6Page - National Semiconductor (TI) LP3992 Datasheet HTML 7Page - National Semiconductor (TI) LP3992 Datasheet HTML 8Page - National Semiconductor (TI) LP3992 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pin Descriptions
Pin No
Symbol
Name and Function
1V
IN
Voltage Supply Input
2
GND
Common Ground
3
SD
Shutdown input; Disables the regulator when
≤ 0.4V.
Enables the regulator when
≥ 1.15V.
4C
OUT
Output capacitor connection. Internally Connected to V
OUT
connection. This is the recommended device connection for the
1.0µF output capacitor to guarantee a stable output.
5V
OUT
Voltage output. Connect this output to the load circuit.
Connection Diagram
20041202
SOT23 - 5 Package (MF)
Top View
See NS package number MF05A
Ordering Information
Output
Voltage (V)
Grade
LP3992 Supplied as 1000
Units, Tape and Reel
LP3992 Supplied as 3000
Units, Tape and Reel
Package Marking
1.5
STD
LP3992IMF-1.5
LP3992IMFX-1.5
1.5
STD
LP3992IMF-1.5/E4000193
LP3992IMFX-1.5/S4000170
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com