Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3992
Description  Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3992 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3992 Datasheet HTML 1Page - National Semiconductor (TI) LP3992 Datasheet HTML 2Page - National Semiconductor (TI) LP3992 Datasheet HTML 3Page - National Semiconductor (TI) LP3992 Datasheet HTML 4Page - National Semiconductor (TI) LP3992 Datasheet HTML 5Page - National Semiconductor (TI) LP3992 Datasheet HTML 6Page - National Semiconductor (TI) LP3992 Datasheet HTML 7Page - National Semiconductor (TI) LP3992 Datasheet HTML 8Page - National Semiconductor (TI) LP3992 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
LP3992
Micropower 1.5V CMOS Voltage Regulator with
Shutdown Control
General Description
The LP3992 regulator is designed to meet the requirements
of portable, battery-powered systems providing an accurate
output voltage, low noise, and low quiescent current. Battery
life will be prolonged by the ability of the LP3992 to provide
a 1.5V output from the low input voltage of 1.9V. Additionally,
when switched to a shutdown mode via a logic signal at the
shutdown pin, the power consumption is reduced to virtually
zero. The LP3992 also features short-circuit and thermal-
shutdown protection.
The LP3992 is designed to be stable with space saving
ceramic capacitors as small as 1.0µF.
The device is available in an SOT23-5 package. Perfor-
mance is specified for a -40˚C to 125˚C temperature range.
For output voltages other than 1.5V and alternative package
options, please contact your local NSC sales office.
Key Specifications
n
1.9 to 5.2V input range
n
Accurate 1.5V ± 0.09V output voltage
n
Less than 1.5µA quiescent current in shutdown
n
Stable with a 1µF output capacitor
n
Guaranteed 30mA output current
n
Low output voltage Noise; 300µV
RMS
Features
n
Operation from a low input voltage; 1.9V
n
Low quiescent current; 29µA typical
n
Stable with a ceramic capacitor
n
Logic controlled shutdown
n
Fast turn ON and OFF
n
Thermal-overload and short circuit protection
n
5 pin package, SOT23
n
-40˚C to +125˚C junction temperature range
Typical Application Circuit
20041201
December 2002
© 2002 National Semiconductor Corporation
DS200412
www.national.com


Similar Part No. - LP3992

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3992 POWER-LP3992 Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
logo
Texas Instruments
LP3992 TI2-LP3992 Datasheet
668Kb / 23P
LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
REVISED NOVEMBER 2015
logo
Lowpower Semiconductor ...
LP3992-12B5F POWER-LP3992-12B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
LP3992-15B5F POWER-LP3992-15B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
More results

Similar Description - LP3992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Linear Technology
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
Micropower Regulator with Comparator and Shutdown
LT1120 LINER-LT1120_03 Datasheet
185Kb / 12P
Micropower Regulator with Comparator and Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Linear Technology
LT1120 LINER-LT1120_15 Datasheet
140Kb / 12P
Micropower Regulator with Comparator and Shutdown
logo
Texas Instruments
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com