Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet (PDF) - Texas Instruments

LP3992 Datasheet PDF - Texas Instruments
Part # LP3992
Download  LP3992 Download
File Size   668.65 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control

LP3992 Datasheet (PDF)

Go To PDF Page Download Datasheet
LP3992 Datasheet PDF - Texas Instruments

Part # LP3992
Download  LP3992 Click to download

File Size   668.65 Kbytes
Page   23 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control

LP3992 Datasheet (HTML) - Texas Instruments


LP3992 Product details

1 Features
1• Input Voltage: 1.9 V to 5.2 V
• Operation From a Low Input Voltage: 1.9 V
• Accurate Output Voltage: 1.5 V ± 0.09 V
• Quiescent Current in Shutdown: < 1.5 μA
• Stable With an Output Capacitor: 1 μF
• Ensured Output Current: 30 mA
• Low Output Voltage Noise: 300 μVRMS short•
Low Quiescent Current: 29-μA Typical
• Stable With a Ceramic Capacitor space•
Logic Controlled Enable
• Fast Turnon and Turnoff
• Thermal-Overload and Short-Circuit Protection
• –40°C to +125°C Junction Temperature Range

2 Applications
• GSM Portable Phones
• CDMA Cellular Handsets
• Wideband CDMA Cellular Handsets
• Bluetooth Devices
• Portable Information Appliances

3 Description
The LP3992 regulator is designed to meet the
requirements of portable, battery-powered systems providing an accurate output voltage, low noise, and
low quiescent current. Battery life is prolonged by the
ability of the LP3992 to provide a 1.5-V output from
the low input voltage of 1.9 V. Additionally, when switched to a shutdown mode via a logic signal at the
enable (EN) pin, the power consumption is reduced
to virtually zero. The LP3992 also features short•
circuit and thermal-shutdown protection.
The LP3992 is designed to be stable with space•
saving ceramic capacitors as small as 1 μF.
Performance is specified for a –40°C to +125°C
temperature range.
For output voltages other than 1.5 V, and for
additional package options, contact TI.




Similar Part No. - LP3992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Texas Instruments
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3992 POWER-LP3992 Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
LP3992-12B5F POWER-LP3992-12B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
LP3992-15B5F POWER-LP3992-15B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
More results


Similar Description - LP3992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Linear Technology
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
Micropower Regulator with Comparator and Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com