Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 3 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3992 Datasheet(HTML) 3 Page - Texas Instruments

  LP3992 Datasheet HTML 1Page - Texas Instruments LP3992 Datasheet HTML 2Page - Texas Instruments LP3992 Datasheet HTML 3Page - Texas Instruments LP3992 Datasheet HTML 4Page - Texas Instruments LP3992 Datasheet HTML 5Page - Texas Instruments LP3992 Datasheet HTML 6Page - Texas Instruments LP3992 Datasheet HTML 7Page - Texas Instruments LP3992 Datasheet HTML 8Page - Texas Instruments LP3992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3
2
1
4
5
EN
GND
IN
CAP
OUT
LP3992
www.ti.com
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
DBV Package
5-Pin SOT-23
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
1
IN
Input
Voltage supply input
2
GND
Ground
Common ground
3
EN
Input
Shutdown input — disables the regulator when
≤ 0.4 V, enables the regulator when ≥ 1.15 V.
Output capacitor connection. Internally connected to VOUT connection. This is the
4
CAP
Output
recommended device connection for the 1-µF output capacitor to ensure a stable output.
5
OUT
Output
Voltage output. Connect this output to the load circuit.
Copyright © 2002–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com