Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 14 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3992 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LP3992 Datasheet HTML 10Page - Texas Instruments LP3992 Datasheet HTML 11Page - Texas Instruments LP3992 Datasheet HTML 12Page - Texas Instruments LP3992 Datasheet HTML 13Page - Texas Instruments LP3992 Datasheet HTML 14Page - Texas Instruments LP3992 Datasheet HTML 15Page - Texas Instruments LP3992 Datasheet HTML 16Page - Texas Instruments LP3992 Datasheet HTML 17Page - Texas Instruments LP3992 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
LP3992
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
www.ti.com
Another important consideration is that tantalum capacitors have higher ESR values than equivalent size
ceramics. This means that while it may be possible to find a tantalum capacitor with an ESR value within the
stable range, it would have to be larger in capacitance (which means bigger and more costly) than a ceramic
capacitor with the same ESR value. Also, the ESR of a typical tantalum increases about 2:1 as the temperature
goes from 25°C down to –40°C, so some guard band must be allowed.
9.2.2.6 Power Dissipation
The permissible power dissipation for any package is a measure of the capability of the device to pass heat from
the power source, the junctions of the device, to the ultimate heat sink, the ambient environment. Thus, the
power dissipation is dependent on the ambient temperature and the thermal resistance across the various
interfaces between the die and ambient air (see Equation 1).
TA(MAX) = TJ(MAX-OP) − (PD(MAX) × RθJA)
(1)
The allowable power dissipation for the device in a given package can be calculated:
PD = TJ(MAX) – TA / RθJA
(2)
The actual power dissipation across the device can be represented by Equation 3:
PD = (VIN − VOUT) × IOUT
(3)
This establishes the relationship between the power dissipation allowed due to thermal consideration, the voltage
drop across the device, and the continuous current capability of the device. Equation 2 and Equation 3 must be
used to determine the optimum operating conditions for the device in the application.
This thermal resistance (RθJA) is highly dependent on the heat-spreading capability of the particular PCB design
and therefore varies according to the total copper area, copper weight, and location of the planes. The RθJA
recorded in Thermal Information is determined by the specific EIA/JEDEC JESD51-7 standard for PCB and
copper-spreading area and is to be used only as a relative measure of package thermal performance. For a well-
designed thermal layout, RθJA is actually the sum of the SOT-23 package junction-to-board thermal resistance
(RθJB) plus the thermal resistance contribution by the PCB copper area acting as a heatsink.
9.2.2.7 Estimating Junction Temperature
The EIA/JEDEC standard recommends the use of psi (
Ψ) thermal characteristics to estimate the junction
temperatures of surface mount devices on a typical PCB board application. These characteristics are not true
thermal resistance values, but rather package specific thermal characteristics that offer practical and relative
means of estimating junction temperatures. These psi metrics are determined to be significantly independent of
copper-spreading area. The key thermal characteristics (
ΨJT and ΨJB) are given in Thermal Information and are
used in accordance with Equation 4 or Equation 5.
TJ(MAX) = TTOP + (ΨJT × PD(MAX))
where
•
PD(MAX) is explained in Equation 2
•
TTOP is the temperature measured at the center-top of the device package.
(4)
TJ(MAX) = TBOARD + (ΨJB × PD(MAX))
where
•
PD(MAX) is explained in Equation 2.
•
TBOARD is the PCB surface temperature measured 1-mm from the device package and centered on the
package edge.
(5)
For more information about the thermal characteristics
ΨJT and ΨJB, see TI Application Report Semiconductor
and IC Package Thermal Metrics (SPRA953); for more information about measuring TTOP and TBOARD, see the TI
Application Report Using New Thermal Metrics (SBVA025); and for more information about the EIA/JEDEC
JESD51 PCB used for validating RθJA, see the TI Application Report Thermal Characteristics of Linear and Logic
Packages Using JEDEC PCB Designs (SZZA017). Aforementioned application notes are available at
www.ti.com.
14
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com