Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 12 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3992 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP3992 Datasheet HTML 8Page - Texas Instruments LP3992 Datasheet HTML 9Page - Texas Instruments LP3992 Datasheet HTML 10Page - Texas Instruments LP3992 Datasheet HTML 11Page - Texas Instruments LP3992 Datasheet HTML 12Page - Texas Instruments LP3992 Datasheet HTML 13Page - Texas Instruments LP3992 Datasheet HTML 14Page - Texas Instruments LP3992 Datasheet HTML 15Page - Texas Instruments LP3992 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
LP3992
EN
OUT
GND
CAP
IN
VIN
VEN
VOUT
1 PF
1 PF
COUT
CIN
High= ON
Low= OFF
LP3992
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
www.ti.com
9 Application And Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LP3992 can provide 30-mA output current with 1.9-V to 5.2-V input. It is stable with 1-
μF ceramic input and
output capacitors. Typical output noise is 300
μVRMS at frequencies from 10 Hz to 100 kHz. Typical power supply
rejection is 40 dB at 1 kHz.
9.2 Typical Application
Figure 15. LP3992 Typical Application
9.2.1 Design Requirements
For typical CMOS voltage regulator applications, use the parameters listed in Table 1.
Table 1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
1.9 V
Output voltage
1.5 ± 0.09 V
Output current
30 mA
9.2.2 Detailed Design Procedure
9.2.2.1
External Capacitors
In common with most regulators, the LP3992 requires external capacitors for regulator stability. The device is
specifically designed for portable applications requiring minimum board space and smallest components. These
capacitors must be correctly selected for good performance.
12
Submit Documentation Feedback
Copyright © 2002–2015, Texas Instruments Incorporated
Product Folder Links: LP3992



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com