Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 1 Page - Texas Instruments

Part # LP3992
Description  LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3992 Datasheet(HTML) 1 Page - Texas Instruments

  LP3992 Datasheet HTML 1Page - Texas Instruments LP3992 Datasheet HTML 2Page - Texas Instruments LP3992 Datasheet HTML 3Page - Texas Instruments LP3992 Datasheet HTML 4Page - Texas Instruments LP3992 Datasheet HTML 5Page - Texas Instruments LP3992 Datasheet HTML 6Page - Texas Instruments LP3992 Datasheet HTML 7Page - Texas Instruments LP3992 Datasheet HTML 8Page - Texas Instruments LP3992 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
LP3992
EN
OUT
GND
CAP
IN
VIN
VEN
VOUT
1 PF
1 PF
COUT
CIN
High= ON
Low= OFF
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LP3992
SNVS192C – OCTOBER 2002 – REVISED NOVEMBER 2015
LP3992 Micropower 1.5-V CMOS Voltage Regulator With Shutdown Control
1 Features
3 Description
The LP3992 regulator is designed to meet the
1
•
Input Voltage: 1.9 V to 5.2 V
requirements of portable, battery-powered systems
•
Operation From a Low Input Voltage: 1.9 V
providing an accurate output voltage, low noise, and
•
Accurate Output Voltage: 1.5 V ± 0.09 V
low quiescent current. Battery life is prolonged by the
ability of the LP3992 to provide a 1.5-V output from
•
Quiescent Current in Shutdown: < 1.5 µA
the low input voltage of 1.9 V. Additionally, when
•
Stable With an Output Capacitor: 1 µF
switched to a shutdown mode via a logic signal at the
•
Ensured Output Current: 30 mA
enable (EN) pin, the power consumption is reduced
to virtually zero. The LP3992 also features short-
•
Low Output Voltage Noise: 300 µVRMS
circuit and thermal-shutdown protection.
•
Low Quiescent Current: 29-µA Typical
The LP3992 is designed to be stable with space-
•
Stable With a Ceramic Capacitor
saving
ceramic
capacitors
as
small
as
1
µF.
•
Logic Controlled Enable
Performance is specified for a –40°C to +125°C
•
Fast Turnon and Turnoff
temperature range.
•
Thermal-Overload and Short-Circuit Protection
For output voltages other than 1.5 V, and for
•
–40°C to +125°C Junction Temperature Range
additional package options, contact TI.
2 Applications
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
GSM Portable Phones
LP3992
SOT-23 (5)
2.90 mm × 1.60 mm
•
CDMA Cellular Handsets
(1) For all available packages, see the orderable addendum at
•
Wideband CDMA Cellular Handsets
the end of the data sheet.
•
Bluetooth Devices
•
Portable Information Appliances
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LP3992

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Texas Instruments
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
logo
Lowpower Semiconductor ...
LP3992 POWER-LP3992 Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
LP3992-12B5F POWER-LP3992-12B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
LP3992-15B5F POWER-LP3992-15B5F Datasheet
734Kb / 9P
300mA,Ultra-low noise, Small Package
More results

Similar Description - LP3992

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1120 LINER-LT1120 Datasheet
152Kb / 12P
Micropower Regulator with Comparator and Shutdown
LT1120A LINER-LT1120A Datasheet
217Kb / 8P
Micropower Regulator with Comparator and Shutdown
logo
National Semiconductor ...
LP3995 NSC-LP3995 Datasheet
355Kb / 14P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
LP3992 NSC-LP3992 Datasheet
245Kb / 9P
Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
logo
Linear Technology
LT1120A LINER-LT1120A_04 Datasheet
159Kb / 8P
Micropower Regulator with Comparator and Shutdown
logo
Intersil Corporation
LP3995 INTERSIL-LP3995 Datasheet
348Kb / 16P
Micropower 150mA CMOS Voltage Regulator with Active Shutdown
logo
Texas Instruments
LP3992 TI-LP3992_15 Datasheet
950Kb / 18P
LP3992 Micropower 1.5V CMOS Voltage Regulator with Shutdown Control
LP3995 TI-LP3995_15 Datasheet
1Mb / 28P
LP3995 Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
LP3992 TI1-LP3992 Datasheet
1,012Kb / 23P
Micropower 1.5-V CMOS Voltage Regulator
LP3995 TI1-LP3995 Datasheet
1Mb / 28P
Micropower 150-mA CMOS Voltage Regulator With Active Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com