Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2000 Datasheet(PDF) 2 Page - Littelfuse

Part # RM2000
Description  The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RM2000 Datasheet(HTML) 2 Page - Littelfuse

  RM2000 Datasheet HTML 1Page - Littelfuse RM2000 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Remote Indication and Monitoring
www.littelfuse.com/rm2000
Rev: 1-A-062716
RM2000 SERIES
Features
Displays:
J
J
Average current, individual line currents and current unbalance
J
J
Current to ground
J
J
Average voltage, line-line voltages and voltage unbalance
J
J
Instantaneous power
J
J
Power factor
J
J
Last four faults
J
J
All parameters programmed into 777 MotorSaver®
J
J
Remaining restart delay times
Controls:
J
J
Start and stop buttons
J
J
Key lock input to prevent setpoint changes
J
J
Change 777 setpoints from keypad
The RM2000 is also equipped with a real-time clock, which
allows access to the following motor management information
(most readings can be reset):
J
J
Total motor run-time
J
J
Time and date of last four faults, along with voltage and
current at time of trip
J
J
Time and date of last 10 motor starts
J
J
Total number of motor restarts
J
J
Minimum time between any two starts with time and date
J
J
Run-time since last start
J
J
kWh consumed
J
J
kVARs consumed
Accessories
RS485-RS232 Converter with cable & plug
Allows RS485 devices to be connected to a PC
via the RS232 (serial) port. Provides convenient
terminal blocks for making signal and DC power
supply connections. Pre-wired.
RS485-USB
Converter with cable & plug/RS232:USB
Allows RS485 devices to be connected to a PC
via the USB port. Provides convenient terminal
blocks for making signal and DC power supply
connections. Pre-wired.
Solutions Software: Solutions-M
Software features include data logging, real-time
data monitoring and fault and event monitoring.
Specifications
Input Characteristics
Control Voltage
115VAC ±10%; 50/60Hz
Transient Protection
(Internal)
2500V for 10ms
Functional Characteristics
Communication
Port #1 for 777
Port #2 for PC, PLC, etc.
Baud Rate
1200-28800
1200-28800
Setup
Even Parity
None, Odd, or Even Parity
1 Stop Bit
1 or 2 Stop Bits
Protocol
Modbus RTU
Modbus RTU
Serial Interface
RS-485
RS-485
Available Addresses
01
A01-A99
Real-time Clock
Battery Back-up Life
10 years @ 25°C without external power
Last fault memory
Stores up to 4 faults with time and date stamp,
includes voltages and currents at time of trip
Configuration
Two independent electro-mechanical
Form C (SPDT)
Contact Material
Silver/Tin Oxide
Output Characteristics
(RM2000-RTDW version only)
Pilot Duty Rating
240VA @ 120VAC
General Purpose Rating
5A @ 120VAC
General Characteristics
Ambient Temperature Range
Operating
-20° to 70°C (-4° to 158°F)
Storage
-30° to 70°C (-22° to 158°F)
Maximum Input Power
3 W
Class of Protection
NEMA 3R and/or UL Type 12
Relative Humidity
Up to 85%, non-condensing
Safety Marks
UL
UL508 (File #E68520)
CSA
C22.2 No. 14 (File #46510)
CE
IEC 60947-6-2
Enclosure
Material
Black polycarbonate
Display
Liquid crystal with extended temp. range
Size
2 rows x 20 characters
Lighting
LED Backlight
Keypad
Eight 0.5” stainless steel dome buttons for
tactile feedback
Mechanical Life
100,000 actuations
Overlay Material
Polyester
UV Exposure
w/o degradation
2000 hrs.
Terminal Torque
(depluggable terminal block) 3 in.-lbs.
Dimensions
H 162.56 mm (6.4”); W 154.94 mm (6.1”);
D 27.94mm (1.1”)
Weight
1.2 lbs. (19.2 oz., 544.31 g)
Mounting Method
Surface mountable on backplane using
4 screws



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com