Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RM2000 Datasheet(PDF) 1 Page - Littelfuse

Part # RM2000
Description  The RM2000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

RM2000 Datasheet(HTML) 1 Page - Littelfuse

  RM2000 Datasheet HTML 1Page - Littelfuse RM2000 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
Protection Relays
Remote Indication and Monitoring
www.littelfuse.com/rm2000
Rev: 1-A-062716
RM2000 SERIES
Description
The RM2000 Series is a motor-monitoring device to be used
in conjunction with the 777 family of products (excluding the
P1 Series), 77C family of products and the Model 601 voltage
monitors, via Modbus protocol with a communications module.
The RM2000/777 motor management system combines
unsurpassed electronic motor protection and critical, user-
friendly, motor monitoring.
The RM2000 has membrane keypad controls which allow both
monitoring and control of a 777 MotorSaver® through an RS-485
network using Modbus RTU protocol. A second communication
port allows monitoring and control of up to 99 RM2000 devices
from a PLC, DCS, or SCADA system or a PC with Solutions
software installed. The RM2000 will act as a repeater for its
motor protector when accessed from the host computer or
PLC. In addition to the monitoring functions, the RM2000 can
be used to reset a tripped MotorSaver® or PumpSaver®.
The RM2000 is easily mounted remotely and improves safety
for service and operations personnel by allowing them to control
and monitor the device without opening the electrical cabinet.
Using the RM2000 is a simple, cost-effective method for aiding
compliance with arc flash safety regulations. The enclosure and
keypad assembly is water and ultraviolet light resistant.
Remote Monitor
Wiring Diagram
Ordering Information
MODEL
DESCRIPTION
RM2000
Remote display monitor for
777 family relays
RM2000-CBM+
Coal Bed Methane Special.
Optimizes gas production from
coal bed methane wells while
protecting submersible pump
RM2000-RTDW
Includes additional input for
ground-fault module


Similar Part No. - RM2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RM2000 ETC2-RM2000 Datasheet
142Kb / 1P
Additional Accessories
logo
TEKTRONIX, INC.
RM2000B TEKTRONIX-RM2000B Datasheet
930Kb / 10P
Digital Storage Oscilloscopes
RM2000B TEKTRONIX-RM2000B Datasheet
1Mb / 8P
Digital Storage Oscilloscopes
16 Mar 2012
logo
Micro Commercial Compon...
RM2000E MCC-RM2000E Datasheet
71Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
RM2000E MCC-RM2000E Datasheet
244Kb / 3P
500 Milliamp High Voltage Silicon Rectifier 1200 to 2000 Volts
More results

Similar Description - RM2000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MPQ-ARM ETC2-MPQ-ARM Datasheet
26Kb / 2P
The MPQ-ARM is a member of RPM?셲 family of dedicated in-system device programmers.
logo
STMicroelectronics
AN871 STMICROELECTRONICS-AN871 Datasheet
149Kb / 13P
In power electronics the choice of the switch to be used is always very important
03-Jun-2004
logo
Analog Devices
UG-291 AD-UG-291 Datasheet
278Kb / 16P
The SDP-S board is designed to be used in conjunction
Rev. A
logo
Littelfuse
476 LITTELFUSE-476 Datasheet
912Kb / 3P
The 476 Series is a family of 250V rated fuses with a very small 2410 footprint. It is the smallest
RM1000 LITTELFUSE-RM1000 Datasheet
502Kb / 2P
The RM-1000 Series is a motor-monitoring device to be used in conjunction with the 777 family of products
logo
NXP Semiconductors
MC56F826XXDS NXP-MC56F826XXDS Datasheet
1Mb / 60P
The following table is the comparsion of features among members of the family.
Rev. 0, 08/2018
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
NXP Semiconductors
68HC05PD6 NXP-68HC05PD6 Datasheet
1Mb / 165P
The MC68HC05PD6 is a member of the MC68HC05 family of HCMOS Microcontroller Units (MCUs).
July 7, 1997 REV 1.1
68HC805K3 NXP-68HC805K3 Datasheet
1Mb / 119P
The low-cost MC68HC805K3 microcontroller is a member of the M68HC805 Family of microprocessors.
Rev. 1.0
logo
Microsemi Corporation
LX3302 MICROSEMI-LX3302 Datasheet
379Kb / 2P
The LX3302 is the second member of Microsemi’s new family of smart sensor interface products
Rev. 1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com