Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30T Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # SP30T
Description  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG SP30T Datasheet HTML 10Page - Infineon Technologies AG SP30T Datasheet HTML 11Page - Infineon Technologies AG SP30T Datasheet HTML 12Page - Infineon Technologies AG SP30T Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
10
13
4 Absolute Maximum Ratings
Table 16 Absolute maximum ratings
SPECIFICATION
PARAMETER
Min
Typ
Max
Unit
COMMENTS
Ambient temperature, operating
-40
150
°C
Max 24 h accumulated over life time
Ambient temperature, storage
-40
150
°C
Max 1000 h
Transient temperature
1
175
°C
Max 3 min
Supply Voltage
-0.3
4.0
V
Input voltage
-0.3
Vdd+0.3
V
Input current, any pin (DC)
-10
10
mA
Input current, any pin (transient)
-100
100
mA
Input current, LF pins
-1
1
mA
50
2000
kPa
Maximum input pressure
2500
kPa
Max 2 s, 5 times over lifetime
Static acceleration
3000
g
Mechanical shock
4000
g
Half sine, 0.3ms
ESD HBM
2
kV
Human body model JESD22-A114
750
Charge Device Model ESD-STM5.3.1,
Corner pins
ESD CDM
500
V
Charge Device Model ESD-STM5.3.1,
All other pins
Latch Up
100
mA
AEC-Q100
1 Will withstand standard SnPb Eutectic reflow soldering process (JEDEC J-STD-020, J-STD-A113)
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com