Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP30T Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # SP30T
Description  High pressure range
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SP30T Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button SP30T Datasheet HTML 5Page - Infineon Technologies AG SP30T Datasheet HTML 6Page - Infineon Technologies AG SP30T Datasheet HTML 7Page - Infineon Technologies AG SP30T Datasheet HTML 8Page - Infineon Technologies AG SP30T Datasheet HTML 9Page - Infineon Technologies AG SP30T Datasheet HTML 10Page - Infineon Technologies AG SP30T Datasheet HTML 11Page - Infineon Technologies AG SP30T Datasheet HTML 12Page - Infineon Technologies AG SP30T Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
Final Datasheet V1.0
SensoNor
TPM Sensor SP30T
TS
Rev.
Page
of
1378
2
13
13
7 Document history
Rev
Paragraphs
Description
00
First issue of TS1378
1
1
Disclaimer included
1
2.1.1
Pressure range extended from max 1500kPa to max 1600kPa. Measurement error
adjusted accordingly.
1
2.1.1
Footnote included displaying the Pressure values verified in qualification
1
5
Physical Drawing updated
2
1
Added section “Product Description “
2
5
Physical Drawing updated
2
5
Added wording to Figure title of figure 2
2
6
Added section “Pin Configuration”
2
Removed “Confidential” marking
2
2
Updated fig. 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com