Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4928 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # TLE4928
Description  Highly accurate differential Hall sensor for crankshaft and transmission applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4928 Datasheet(HTML) 2 Page - Infineon Technologies AG

  TLE4928 Datasheet HTML 1Page - Infineon Technologies AG TLE4928 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Brief
Published by
Infineon Technologies AG
85579 Neubiberg, Germany
© 2013 Infineon Technologies AG.
All Rights Reserved.
Visit us:
www.infineon.com
Order Number: B142-H9822-X-X-7600
Date: 08 / 2013
Attention please!
The information given in this document shall in no event
be regarded as a guarantee of conditions or characteristics
(“Beschaffenheitsgarantie”). With respect to any examples
or hints given herein, any typical values stated herein and/
or any information regarding the application of the device,
Infineon Technologies hereby disclaims any and all warran-
ties and liabilities of any kind, including without limitation
warranties of non-infringement of intellectual property
rights of any third party.
Information
For further information on technology, delivery terms and
conditions and prices please contact your nearest Infineon
Technologies Office (www.infineon.com).
Warnings
Due to technical requirements components may contain
dangerous substances. For information on the types in
question please contact your nearest Infineon Technolo-
gies Office. Infineon Technologies Components may only
be used in life-support devices or systems with the express
written approval of Infineon Technologies, if a failure of
such components can reasonably be expected to cause
the failure of that life-support device or system, or to affect
the safety or effectiveness of that device or system. Life
support devices or systems are intended to be implanted
in the human body, or to support and/or maintain and
sustain and/or protect human life. If they fail, it is reason-
able to assume that the health of the user or other persons
may be endangered.
Sales Name
Description
Order Code
TLE4928
PG-SSO-3-6 package without external capacitors
SP000700818
TLE4928C-E6547
PG-SSO-3-92 package with external capacitors (VS to GND: 47nF and Q to GND: 4.7nF)
SP000718274
Hall Probes
Power Supply Regulator
Clamping & Reverse Voltage
Protection
Overtemperature
& Short-circuit
Protection
Actual Switching Level
GND
N-Channel
Open Drain
Amplifier
Filter
Analog
Supply
Digital
Supply
Enable
Clamping
Hyst
Comp
Main
Comp
Tracking ADC
OscillatorReset
Interface
Digital
Min
Max
Algorithm
Oset
DAC
Bias for Temperature
& Technology
Compensation
+
-
+
-
Q
VS
Block Diagram
TLE4928(C)
Highly accurate differential Hall sensor for crankshaft and transmission applications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com