Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4928 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4928
Description  Highly accurate differential Hall sensor for crankshaft and transmission applications
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4928 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4928 Datasheet HTML 1Page - Infineon Technologies AG TLE4928 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The TLE4928(C ) detects the motion and position of ferromagnetic structures (e.g. pole or
gear wheel) by measuring the differential flux density of the magnetic field. A self-calibra-
tion mode ensures optimum accuracy. The sensor only needs a few transitions after start-up
then self-calibration has finished and reached a high-accuracy running mode. TLE4928(C)
is switching at fixed hidden hysteresis, which is combined with a frequent recalibration
function in run mode. This enables the sensor to accurately switch over lifetime (e.g. by run
out events) and perform reliably, even under challenging conditions like vibrations such as
seen in transmission applications.
The sensor combines a fast power up time with high accuracy and sensitivity. Providing a
wide temperature range, high ESD robustness and large EMC resistance the TLE4928(C)
perfectly meets the requirements of harsh environmental conditions, prevalent in automo-
tive applications. The TLE4928(C) comes with the well established PG-SSO package - with
and without two integrated capacitors. With all these features TLE4928(C) is the ideal fitting
Hall based crankshaft and transmission speed sensing solution for today’s automotive
requirements.
TLE4928(C) is Perfectly Suited for Application Using:
Back Bias Magnet
Encoder Wheels
Gear Wheel
Magnet Wheel
N (S)
S (N)
Permanent Magnet
Hall Sensor 2
Hall Sensor 1
Signal
Processing
Circuitry
Signal
Processing
Circuitry
Hall Sensor 2
Hall Sensor 1
www.infineon.com/magnetic-sensors
Features
„
High sensitivity
„
Package options: PG-SSO-3-6 and
PG-SSO-3-9 (2)
„
Single chip solution
„
Symmetrical thresholds
„
High resistance to Piezo effects
„
South and north pole preinduction
possible
„
Low cut-off frequency
„
Advanced performance by dynamic
self calibration principle
„
Frequent recalibration in run mode
„
Fast start-up time
„
Large operating air-gaps
„
Digital output signal
(voltage interface)
„
Reverse voltage protection at VS-pin
„
Wide operating temperature range
„
Short-circuit and overtemperature
protection of output
„
Module style package with two
integrated capacitors:
– 4.7nF between Q and GND
– 47nF between VS and GND: Needed
for micro cuts in power supply
Product Brief
TLE4928(C)
Highly accurate differential Hall sensor for crankshaft and transmission applications


Similar Part No. - TLE4928

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4928CE6547 INFINEON-TLE4928CE6547 Datasheet
71Kb / 4P
Dynamic Differential Hall Effect Sensor
November 2009 Version 1.0
More results

Similar Description - TLE4928

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4925 INFINEON-TLE4925 Datasheet
1Mb / 25P
Differential Hall Sensor
TLE4955C INFINEON-TLE4955C Datasheet
802Kb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 1.0 2016-06-15
TLE4955C-E4 INFINEON-TLE4955C-E4 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
TLE4955C-E2 INFINEON-TLE4955C-E2 Datasheet
822Kb / 24P
Differential Hall Effect Transmission Speed Sensors
Version 1.00 2016-06-01
logo
Allegro MicroSystems
A16601 ALLEGRO-A16601 Datasheet
740Kb / 13P
AC-Coupled Differential Crankshaft Speed Sensor IC
logo
Infineon Technologies A...
TLE4955C-E41184 INFINEON-TLE4955C-E41184 Datasheet
991Kb / 22P
Differential Hall Effect Transmission Speed Sensors
Version 1.01 2018-03-25
logo
Maxim Integrated Produc...
MAX71020AEVK1 MAXIM-MAX71020AEVK1 Datasheet
1Mb / 17P
Highly Accurate AFE for Testing
Rev 0; 6/15
logo
Infineon Technologies A...
TLE4953X INFINEON-TLE4953X Datasheet
1Mb / 21P
Differential Hall Effect Transmission Speed Sensors
Version 4.1, 2018-01-02
TLE4929C INFINEON-TLE4929C Datasheet
1Mb / 28P
TLE4929C Crankshaft Sensor Fully Programmable Crankshaft Sensor
1.10 2018-09-13
logo
E+E Elektronik Ges.m.b....
EE75 EPLUSE-EE75 Datasheet
1Mb / 9P
Highly Accurate Air / Gas Velocity Sensor for Industrial Applications
03-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com