Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4968-1L Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4968-1L
Description  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4968-1L Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4968-1L Datasheet HTML 3Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 4Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 5Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 6Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 7Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 8Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 9Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 10Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
TLE4968-1L
Product Description
Data Sheet
7
Revision 1.0, 2011-07-18
1
Product Description
1.1
Overview
Figure 1-1
Image of TLE4968-1L in the PG-SSO-3-2 Package
1.2
Features
•
3.0 V to 32 V operating supply voltage
•
Operation from unregulated power supply
•
Reverse polarity protection (-18 V)
•
Overvoltage capability up to 42 V without external resistor
•
Output overcurrent & overtemperature protection
•
Active error compensation
•
High stability of magnetic thresholds
•
Low jitter (typ. 0.35 μs)
•
High ESD performance
•
Leaded package PG-SSO-3-2 (TLE4968-1L)
1.3
Target Applications
Target applications for the TLE496x Hall switch family are all applications which require a high precision Hall
switch with an operating temperature range from -40°C to 170°C. Its superior supply voltage range from 3.0 V to
32 V with overvoltage capability (e.g. load-dump) up to 42 V without external resistor makes it ideally suited for
automotive and industrial applications.
The TLE4968-1L has very low magnetic thresholds and a bipolar switching behavior. It is therefore especially
suited for applications which require a high sensitivity device and an output switching close to zero magnetic field
values. Possible applications are BLDC rotor position measurement or speed and position measurements in
camshaft or transmission applications.
Characteristic
Supply Voltage
Supply Current
Sensitivity
Interface
Temperature
Bipolar Hall
Effect Switch
3.0~32 V
1.6 mA
High
BOP:1 mT
BRP:-1 mT
Open Drain
Output
-40°C to 170°C
Table 1-1
Ordering Information
Product Name
Product Type
Ordering Code
Package
TLE4968-1L
Bipolar Hall Latch
SP000848030
PG-SSO-3-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com