Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4968-1L Datasheet(PDF) 13 Page - Infineon Technologies AG

Part # TLE4968-1L
Description  3.0 V to 32 V operating supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4968-1L Datasheet(HTML) 13 Page - Infineon Technologies AG

Back Button TLE4968-1L Datasheet HTML 9Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 10Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 11Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 12Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 13Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 14Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 15Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 16Page - Infineon Technologies AG TLE4968-1L Datasheet HTML 17Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TLE4968-1L
Specification
Data Sheet
13
Revision 1.0, 2011-07-18
3.2
Absolute Maximum Ratings
Attention: Stresses above the max. values listed here may cause permanent damage to the device.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability. Maximum ratings are absolute ratings; exceeding only one of these values may
cause irreversible damage to the integrated circuit.
Calculation of the dissipated power PDIS and junction temperature TJ of the chip (SSO3 example):
e.g for: VDD = 12 V, IS = 2.5 mA, VQSAT = 0.5 V, IQ = 20 mA
Power dissipation: PDIS = 12 V x 2.5 mA + 0.5 V x 20 mA = 30 mW + 10 mW = 40 mW
Temperature ∆T = RthJA x PDIS = 200 K/W x 40 mW = 8 K
For TA = 150 °C: TJ = TA + ∆T = 150 °C + 8 K = 158 °C
Table 3-1
Absolute Maximum Rating Parameters
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
Supply voltage1)
1) This lifetime statement is an anticipation based on an extrapolation of Infineon’s qualification test results. The actual lifetime
of a component depends on its form of application and type of use etc. and may deviate from such statement. The lifetime
statement shall in no event extend the agreed warranty period.
VDD
-18
32
42
V
10h, no external resistor required
Output voltage
VQ
-0.5
32
V
Reverse output current IQ
-70
mA
Junction temperature1) TJ
-40
155
165
175
195
°C
for 2000h (not additive)
for 1000h (not additive)
for 168h (not additive)
for 3 x 1h (additive)
Storage temperature
TS
-40
150
°C
Thermal resistance
Junction ambient
RthJA
200
K/W
for PG-SSO-3-2 (2s2p)
Thermal resistance
Junction lead
RthJL
150
K/W
for PG-SSO-3-2
Table 3-2
ESD Protection1) (TA = 25°C)
1) Characterization of ESD is carried out on a sample basis, not subject to production test.
Parameter
Symbol
Values
Unit
Note / Test Condition
Min.
Typ.
Max.
ESD voltage (HBM)2)
2) Human Body Model (HBM) tests according to EIA/JESD22-A114.
VESD
-7
7
kV
R = 1.5 kΩ, C = 100 pF
ESD voltage (SDM)3)
3) Socket device model (SDM) tests according to EOS/ESD-DS5.3-1993.
-1
1
ESD voltage (system level)4)
4) Gun test (2kΩ / 330pF or 330Ω / 150pF) according to ISO 10605-2008.
-15
15
with circuit shown in
Figure 3-1 & Figure 3-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com