Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMMM Datasheet(PDF) 3 Page - Wall Industries,Inc.

Part # CMMM
Description  2:1 Input Voltage Ranges 18~30 Watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMM Datasheet(HTML) 3 Page - Wall Industries,Inc.

  CMMM Datasheet HTML 1Page - Wall Industries,Inc. CMMM Datasheet HTML 2Page - Wall Industries,Inc. CMMM Datasheet HTML 3Page - Wall Industries,Inc. CMMM Datasheet HTML 4Page - Wall Industries,Inc. CMMM Datasheet HTML 5Page - Wall Industries,Inc. CMMM Datasheet HTML 6Page - Wall Industries,Inc. CMMM Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMM Series
2:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
BLOCK DIAGRAM
INPUT VOLTAGE TRANSIENT RATING
10uS
150
140
130
120
110
100
90
80
70
60
100uS
1mS
10mS
100mS
50
40
30
20
10
0
48VDC Input Models
24VDC Input Models
12VDC Input Models
DERATING CURVES & EFFICIENCY GRAPHS
Efficiency vs Input Voltage (Single Output)
Efficiency vs Output Load
Input Voltage (V)
Nom
Low
High
50
60
70
80
90
100
Load Current (%)
100
60
40
20
10
80
30
40
50
60
70
80
90
100
Derating Curve without Heatsink
Derating Curve with Heatsink
¡ã
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
~
0
20
40
60
80
100
-40
50
60
80
100
110
90
70
400LFM
200LFM
100LFM
Natural
convection
Ambient Temperature (°C)
~
Ambient Temperature (°C)
Single Output
+Vo
PWM
Isolation
Ref.Amp
LC
Filter
+Vin
-Vin
-Vo
On/Off
Trim
OVP
OTP
OVP



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com