Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMMM Datasheet(PDF) 6 Page - Wall Industries,Inc.

Part # CMMM
Description  2:1 Input Voltage Ranges 18~30 Watt
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMMM Datasheet(HTML) 6 Page - Wall Industries,Inc.

  CMMM Datasheet HTML 1Page - Wall Industries,Inc. CMMM Datasheet HTML 2Page - Wall Industries,Inc. CMMM Datasheet HTML 3Page - Wall Industries,Inc. CMMM Datasheet HTML 4Page - Wall Industries,Inc. CMMM Datasheet HTML 5Page - Wall Industries,Inc. CMMM Datasheet HTML 6Page - Wall Industries,Inc. CMMM Datasheet HTML 7Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMMM Series
2:1 Input Voltage Ranges
18~30 Watt, Single Output
Chassis Mount DC/DC Converter
Rev A
The power module should be connected to a low ac-impedance input source. Highly inductive source impedances can affect
the stability of the power module. In applications where power is supplied over long lines and output loading is high, it may
be necessary to use a capacitor at the input to ensure startup. A capacitor mounted close to the power module helps ensure
stability of the unit, it is recommended to use a good quali
ty low Equivalent Series Resistance (ESR < 1.0Ω at 100KHz)
capacitor of a 33μF for the 12V input models and a 10μF for the 24V and 48V input models.
+
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
DC Power
Source
+
-
Cin
Maximum Capacitive Load
The CMMM Series has a limitation of maximum connected capacitance at the output. The power module may be operated in
current limiting mode during start-up, affecting the ramp-up and the startup time. For optimum performance we recommend
330μF maximum capacitive load for 12V and 15V outputs and 10,000μF capacitive load for 3.3V and 5V outputs. The
maximum capacitance can be found in the Output Voltage / Current Rating Chart.
TEST CONFIGURATIONS
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with an inductor Lin (4
.7μH) and Cin (220μF, ESR < 1.0Ω at 100KHz) to simulate
source impedance.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Capacitor Cin offsets possible battery impedance.
Current ripple is measured at the input terminals of the module. Measurement bandwidth is 0 ~ 500KHz.
Peak-to-Peak Output Noise Measurement Test
Use a Cout 1.0μF ceramic capacitor.
Scope measurement should be made by using a BNC socket; measurement bandwidth is 0 ~ 20MHz. Position the load
between 50mm and 75mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Output Ripple Reduction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com