Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1116 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP1116
Description  800mA,Ultra-low Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1116 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP1116 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP1116-01
Oct. 2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP1116
800mA,Ultra-low Noise LDO Regulator
General Description
The LP1116 is designed for portable applications with
demanding performance and space requirements. The
LP1116 performance is optimized for battery-powered
systems to deliver ultra low noise and low quiescent
current. Regulator ground current increases only
slightly in dropout, further prolonging the battery life.
The LP1116 also works with low-ESR ceramic
capacitors, reducing the amount of board space
necessary for power applications, critical in hand-held
wireless devices. The other features include ultra low
dropout voltage, high output accuracy, current limiting
protection, and high ripple rejection ratio. Available in
the 3-lead of SOT-223 packages.
Order Information
LP1116 □ □ □ □ □
F: Pb-Free
Package Type
G3: SOT-223
Output Voltage Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
50: 5.0V
Features
Ultra-Low-Noise for RF Application
2.5V- 6.5V Input Voltage Range
Low Dropout : 480mV @ 600mA
Ultra-Fast Response in Line/Load Transient
Current Limiting and Thermal Shutdown
Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP1116
SOT-223
2.5K/REEL
VIN
2.2uF
2.2uF
LP1116
VIN
OUT
GND
Vout


Similar Part No. - LP1116

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP1110 POWER-LP1110 Datasheet
561Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Enable
LP1111 POWER-LP1111 Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1111SOF POWER-LP1111SOF Datasheet
633Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1113 POWER-LP1113 Datasheet
659Kb / 8P
Dual Bootstrapped, 12V MOSFET Driver with Output Disable
LP1115 POWER-LP1115 Datasheet
537Kb / 10P
Full Bridge Gate Driver with Boost Convertor
More results

Similar Description - LP1116

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
800mA LDO REGULATOR????
Rev. 1.10
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Power IC Ltd.
PIC6117 PICSEMI-PIC6117 Datasheet
150Kb / 2P
800mA Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
800MA LDO REGULATOR
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
800mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
800mA LDO REGULATOR
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
800mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com