Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1116 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP1116
Description  800mA,Ultra-low Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1116 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP1116 Datasheet HTML 1Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1116 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP1116-01
Oct. 2015
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP1116
Absolute Maximum Ratings
Note 1
Input to GND ---------------------------------------------------------------------------------------------------------------- 7V
Output Voltage to GND ------------------------------------------------------------------------------------------------ 6.5V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (Ta) -------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (SOT-223, PD,TA=25°C) -------------------------------------------------------- 4W
Thermal Resistance (SOT-223, JA) ---------------------------------------------------------------------------- 30℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VIN = VOUT + 0.5V, CIN = COUT = 2.2µF, TA = 25° C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Output Voltage
Accuracy
△VOUT/VOUT
IOUT = 1mA
−3
--
+3
%
Current Limit
ILIM
RLOAD = 1Ω
800
mA
Quiescent Current
IQ
IOUT = 0mA
90
μA
Dropout Voltage
VDROP
IOUT = 600mA, VOUT > 2.8V
480
mV
Linear Regulation
△VOUT/VOUT
VIN = (VOUT + 1V) to 5.5V, IOUT = 1mA
0.2
%
Load Regulation
△VLOAD
1mA < IOUT < 300mA
15
35
mV
Thermal Shutdown
Temperature
TSD
150
°C
Thermal Shutdown
Hysteresis
20
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com