Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3818 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3818
Description  Reset, Low Voltage Detector Built-in Delay 200ms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3818 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3818 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP3818-03
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP3818
Reset, Low Voltage Detector Built-in Delay 200ms
General Description
LP3818 is a series of high precision voltage detector
with ultra low current consumption (5uA typ. at
Vdd=3.0V). It can work at very low voltage, which
makes it perfect for system reset.
LP3818 is composed of high precision voltage
reference, comparator, delay circuit, output driver and
resistor array. Internally preset detect voltage has a
low temperature drift and requires no external
trimming.
Two type of output, CMOS and N-channel open-drain
are available.LP3818 is available in SOT-23-3
packages which is Pb free.
Order Information
LP3818 - □ □ □ □ □ □
F:Pb-Free
Package Type
B3: SOT23-3
Detector Voltage
22: 2.2V
25: 2.5V
27: 2.7V
33: 3.3V
263: 2.63V
293: 2.93V
Output Type
C: CMOS Output
N: Nch Open Drain
Features
High-precision detection Voltage 2%
Detection Voltage 0.9V~5.5V (in 0.1V steps)
Precise hysteresis 4% typ.
Operating Voltage range 2.5V~5.5V
Ultra-low current consumption 5uA typ. (at VDD
3.0V)
Two Output forms CMOS and N-channel
open-drain
Applications
Power monitor for portable equipment
PDA, DSC, Mobile phone,Notebook,MP3
CPU and Logic Circuit Reset
Battery Checker
Battery Back-up Circuit
Power Failure Detector
Marking Information
Device
Marking
Package
Shipping
LP3818
SOT23-3
3K/REEL


Similar Part No. - LP3818

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LP3800K0603BT FRONTIER-LP3800K0603BT Datasheet
176Kb / 2P
LP3800K0603BT LOWPASS FILTER SPECIFICATION
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CB3F POWER-LP3808-09CB3F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CB5F POWER-LP3808-09CB5F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
LP3808-09CX3F POWER-LP3808-09CX3F Datasheet
266Kb / 5P
High-precision Low Voltage Detector
More results

Similar Description - LP3818

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R3130N16EA RICOH-R3130N16EA Datasheet
273Kb / 32P
Low Voltage Detector with built-in Delay Circuit
logo
SHANGHAI BELLING CO., L...
BL8509 BELLING-BL8509 Datasheet
538Kb / 17P
Low Voltage Detector with Built-in Delay Circuit
logo
RICOH electronics devic...
R3130N RICOH-R3130N_04 Datasheet
333Kb / 29P
Low Voltage Detector with Built-in Delay Circuit
logo
ACE Technology Co., LTD...
ACE302 ACE-ACE302 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.2
ACE302 ACE-ACE302_1 Datasheet
953Kb / 13P
Low Voltage Detector with Built-in Delay Circuit
VER 1.3
ACE302 ACE-ACE302_12 Datasheet
1Mb / 14P
Low Voltage Detector with Built-in Delay Circuit
VER 1.5
ACE306A ACE-ACE306A Datasheet
233Kb / 8P
Low Voltage Detector with Built-in Delay Circuit
VER 1.1
logo
SHANGHAI BELLING CO., L...
BL8509D BELLING-BL8509D Datasheet
328Kb / 12P
Low Voltage Detector with Built-in Delay Circuit
BL8511 BELLING-BL8511 Datasheet
550Kb / 5P
Low Voltage Detector With Built-in Delay Circuit
logo
AiT Semiconductor Inc.
A4809 AITSEMI-A4809 Datasheet
557Kb / 9P
SUPERVISOR (RESET IC) LOW VOLTAGE DETECTOR WITH BUILT-IN DELAY CIRCUIT
REV4.1
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com