Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3818 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3818
Description  Reset, Low Voltage Detector Built-in Delay 200ms
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3818 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3818 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3818 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP3818-03
May.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP3818
Absolute Maximum Ratings
Input Voltage range --------------------------------------------------------------------------------------- -0.3V~6V
Output Voltage range ------------------------------------------------------------------------------------- -0.3V~6V
Maximum Output current -------------------------------------------------------------------------------------- 70mA
Maximum power dissipation ------------------------------------------------------------------------------- 150mW
Ambient temperature ------------------------------------------------------------------------------------- -40~+85℃
Storage temperature ------------------------------------------------------------------------------------- -40~125℃
Lead temperature and time ----------------------------------------------------------------------------- 260℃,10s
Electrical Characteristics
(LP3818-27B3F,T=25°C, Unless otherwise specified.)
Symbol
Parameter
Conditions
Reference data
Unit
Min.
Typ.
Max.
VDET
Detector Threshold
2.58
2.63
2.72
V
VHYS
Detector Threshold Hysteresis
0.054
0.108
0.162
V
ISS
Current consumption
5
uA
VDDH
Maximum operating
voltage
5.5
V
VDDL
Minimum Operating
voltage
2.5
V
IOUT
Output current
Nch
VDS=0.05V
VDD=0.70V
0.01
0.05
mA
Pch
VDS=-2.1V
VDD=4.50V
1.0
2.0
mA
TDELAY Output Delay Time
200
mS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com