Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986H Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3986H
Description  600mA,Ultra-low Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3986H Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3986H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
LP3986H-01
Oct.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 6
Preliminary Datasheet
LP3986H
Absolute Maximum Ratings
Supply Input Voltage ----------------------------------------------------------------------------------------------------- 7V
Power Dissipation, PD @ TA = 25°C
SOT-23 ----------------------------------------------------------------------------------------------------------------- 450mW
SOT-89 ----------------------------------------------------------------------------------------------------------------- 700mW
Package Thermal Resistance
SOT-23, θJA -------------------------------------------------------------------------------------------------------- 250°C/W
SOT-89, θJA -------------------------------------------------------------------------------------------------------- 165°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------ 260°C
Storage Temperature Range -------------------------------------------------------------------------- −65°C to 165°C
ESD Susceptibility
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM(Machine-Mode) --------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
Supply Input Voltage ------------------------------------------------------------------------------------------- 2.5V to 6V
Operation Junction Temperature Range ------------------------------------------------------------ -20°C to 125°C
Operation Ambient Temperature Range ------------------------------------------------------------- -20°C to 85°C
Electrical Characteristics
(VIN = VOUT + 1V, CIN = COUT = 2.2µF, TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ.
Max
Units
Output Voltage
Accuracy
△VOUT/VOUT
IOUT = 1mA
−3
--
+3
%
Current Limit
ILIM
RLOAD = 1Ω
650
mA
Quiescent Current
IQ
IOUT = 0mA
90
μA
Dropout Voltage
VDROP
IOUT = 600mA, VOUT > 2.8V
480
mV
Line Regulation
△VOUT/VOUT
VIN = (VOUT + 1V) to 5.5V,
IOUT = 1mA
0.2
%
Load Regulation
△VLOAD
1mA < IOUT < 300mA
2
%
Thermal Shutdown
Temperature
TSD
150
°C
Thermal Shutdown
Hysteresis
20
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com