Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3986H Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3986H
Description  600mA,Ultra-low Noise LDO Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3986H Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3986H Datasheet HTML 1Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 2Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 3Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 4Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 5Page - Lowpower Semiconductor inc LP3986H Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LP3986H-01
Oct.-2013
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 6
Preliminary Datasheet
LP3986H
600mA,Ultra-low Noise LDO Regulator
General Description
The LP3986H is designed for portable applications
with demanding performance and space requirements.
The LP3986H performance is optimized for
battery-powered systems to deliver ultra low noise and
low quiescent current. Regulator ground current
increases only slightly in dropout, further prolonging
the battery life. The LP3986H also works with low-ESR
ceramic capacitors, reducing the amount of board
space necessary for power applications, critical in
hand-held wireless devices. The other features include
ultra low dropout voltage, high output accuracy,
current limiting protection, and high ripple rejection
ratio. Available in the 3-lead of SOT-23 and SOT-89
packages.
Order Information
LP3986H □ □ □ □ □
F: Pb-Free
Package Type
B3: SOT23-3
X3: SOT-89
Output Type
12: 1.2V
15: 1.5V
18: 1.8V
25: 2.5V
28: 2.8V
30: 3.0V
33: 3.3V
50: 5.0V
Features
Ultra-Low-Noise for RF Application
2.5V- 6.5V Input Voltage Range
Low Dropout : 480mV @ 600mA
Ultra-Fast Response in Line/Load Transient
Current Limiting and Thermal Shutdown
Protection
Applications
PMP/PDA/MP3 players
Cellular and Mobile phone
RF Module
Sensor Module
Typical Application Circuit
Marking Information
Device
Marking
Package
Shipping
LP3986HBF
SOT23-3
3K/REEL
LP3986HX3F
SOT89
1K/REEL
VIN
2.2uF
2.2uF
LP3986H
VIN
OUT
GND
Vout


Similar Part No. - LP3986H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3986 NSC-LP3986 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
logo
Texas Instruments
LP3986 TI1-LP3986 Datasheet
1Mb / 18P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
logo
Texas Instruments
LP3986 TI2-LP3986 Datasheet
578Kb / 18P
LP3986 Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in DSBGA Package
REVISED FEBRUARY 2013
logo
National Semiconductor ...
LP3986BL-2528 NSC-LP3986BL-2528 Datasheet
328Kb / 13P
Dual Micropower 150 mA Ultra Low-Dropout CMOS Voltage Regulators in micro SMD Package
More results

Similar Description - LP3986H

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005 Datasheet
362Kb / 7P
600mA Low Noise CMOS LDO
logo
Seaward Electronics Inc...
SE5121 SEAWARD-SE5121 Datasheet
153Kb / 5P
600mA CMOS Low Power Low Noise LDO Voltage Regulator
logo
Taiwan Semiconductor Co...
TS9005 TSC-TS9005_08 Datasheet
129Kb / 7P
600mA Low Noise CMOS LDO
logo
YOBON TECHNOLOGIES,INC.
YB1230 YOBON-YB1230_09 Datasheet
360Kb / 11P
600mA, Low-Noise LDO Regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
800mA,Ultra-low Noise LDO Regulator
LP3989 POWER-LP3989 Datasheet
610Kb / 8P
600mA,Ultra-low noise, Small Package, Ultra-Fast CMOS LDO Regulator
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
300mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
logo
AiT Semiconductor Inc.
A6618 AITSEMI-A6618 Datasheet
552Kb / 9P
CMOS LOW DROPOUT REGULATOR (LDO) 600mA ADJUSTABLE, ULTRA-LOW NOISE, ULTRA-FAST
REV1.0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com