Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253H Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6253H
Description  High Efficiency 8A Synchronous Boost Convertor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253H Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6253H Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LP6253H
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 12
Preliminary Datasheet
LP6253H
Functional Pin Description
Package Type
Pin Configurations
TDFN-10 / ESOP8
PG
VIN
RLIM
EN
AGND
NC
LX
VOUT
VOUT
FB
1
2
3
4
5
6
7
8
9
10
PGND
11
VIN
EN
1
2
3
4
5
6
7
8
LX
LX
VOUT
VOUT
FB
AGND
PGND
9
ESOP8
TDFN-10
ESOP8
Pin
Name
Description
TDFN-10
ESOP8
1
PG
Power good indication.
2
3
VIN
Voltage input pin.
3
RLIM
Connect a resistor to GND for limiting the output current.
4
4
EN
Chip enable pin.
5
5
AGND
Internal Analog Ground pin. Connect this pin to PGND.
6
6
FB
Feedback pin. The reference voltage is 1.21V.
7,8
7,8
VOUT
Output pin.
9
1,2
LX
Switching pin.
10
NC
No connection.
11
9
PGND
Power Ground pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com