Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253H Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6253H
Description  High Efficiency 8A Synchronous Boost Convertor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253H Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6253H Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253H Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LP6253H
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 12
Preliminary Datasheet
LP6253H
Function Diagram
EN
EN
SLOPE
COMPENSAION
CURRENT
SENSER
CURRENT
LIMIT
INTERNAL
COMPENSATION
CONTROL
LOGIC
OSC
LX
FB
VIN
VHIGH
PGND
BODY AND VHICH
SELECT
REF
AGND
VOUT
RLIM
Low voltage
detection/Power
good indication
PG
Absolute Maximum Ratings
Note 1
Input and VOUT to GND ------------------------------------------------------------------------------------------------- 6V
Other Pin to GND (FB,EN,LX) ----------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150℃
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260℃
Operating Ambient Temperature Range -------------------------------------------------------- -40℃ to 85℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (ESOP8, PD,TA=25℃) ----------------------------------------------------------- 2W
Thermal Resistance (ESOP8, JA) ----------------------------------------------------------------------------- 46℃/W
Maximum Power Dissipation (TDFN-10, PD,TA=25℃) ------------------------------------------------------- 1.5W
Thermal Resistance (TDFN-10, JA) ----------------------------------------------------------------------------- 68℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com