Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP6253
Description  High Efficiency 8A Synchronous Boost Convertor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 11Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 12Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LP6253H
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 8 of 12
Preliminary Datasheet
LP6253H
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 1.21V feedback voltage. Use a
10K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
VOUT = ( R1 / R2 + 1 ) × VFB
Low-EMI Switch
The device integrates a circuit that removes the
ringing that typically appears on the LX node when
the converter enters discontinuous current mode. In
this case, the current through the inductor ramps to
zero and the rectifying PMOS switch is turned off to
prevent a reverse current flowing from the output
capacitors back to the battery. Due to the remaining
energy that is stored in parasitic components of the
semiconductor and the inductor, a ringing on the LX
pin is induced. The integrated antiringing switch
clamps this voltage to VIN and therefore dampens
ringing.
Pre-Boost Current and Short Circuit Protect
Initially output voltage is lower than battery voltage,
and the LP6253H enters pre-boost phase. During
pre-boost phase, the internal NMOSFET turned
OFF/ON and a constant current is provided from
battery to output until the output voltage close to the
battery voltage. The constant current is limited by
internal controller. If the output short to ground, the
LP6253H also limits the output current to avoid
damage condition.
Inductor Selection
For a better efficiency in high switching frequency
converter, the inductor selection has to use a proper
core material such as ferrite core to reduce the core
loss and choose low ESR wire to reduce copper loss.
The most important point is to prevent the core
saturated when handling the maximum peak current.
Using a shielded inductor can minimize radiated
noise in sensitive applications. The maximum peak
inductor current is the maximum input current plus
the half of inductor ripple current. The calculated
peak current has to be smaller than the current
limitation in the electrical characteristics. A typical
setting of the inductor ripple current is 20% to 40% of
the maximum input current. If the selection is 40%,
the maximum peak inductor current is
The minimum inductance value is derived from the
following equation :
Depending on the application, the recommended
inductor value is between 1μH to 4.7μH.
Input Capacitor Selection
For better input bypassing, low-ESR ceramic
capacitors are recommended for performance. A
10μF input capacitor is sufficient for most
applications. A ceramic capacitor or a tantalum
capacitor with a 100nF ceramic capacitor in parallel,
placed close to the IC, is recommended. For a lower
output power requirement application, this value can
be decreased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com