Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6253 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6253
Description  High Efficiency 8A Synchronous Boost Convertor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6253 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6253 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6253 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP6253H
Aug.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 1 of 12
Preliminary Datasheet
LP6253H
High Efficiency 8A Synchronous Boost Convertor
General Description
The LP6253H is a synchronous current mode boost
DC-DC converter. Its PWM circuitry with built-in 8A
current power MOSFET makes this converter highly
efficient. Selectable high switching frequency allows
faster loop response and easy filtering with a low noise
output. The non-inverting input its error amplifier is
connected to an internal 1.21V precision reference
voltage.
Current
mode
control
and
internal
compensation network make it easy and flexible to
stabilize the system.
Order Information
LP6252H □ □ □ - □ □
Output type
Default: Adjustable
51: 5.1V
F: Pb-Free
Package Type
SP: ESOP8
QV: TDFN-10
Applications
Battery products
Host Products
Panel
Features
Up to 96% high efficiency
Output to Input Disconnect at Shutdown Mode
High switch on current: 8A
Output Voltage Up to 5.0V/2.1A with VIN=3V
Only use small inductor: 1uH
Programmable output current limit: 0.1A~2.5A
Power good indication function(open drain)
Internal Compensation
650KHz fixed frequency switching
Shutdown current:<1uA
Available in ESOP8 & TDFN-10 Package
Typical Application Circuit
LX
VIN
EN
AGND
VOUT
FB
LP6253H
VIN
CIN
R2
R1
VOUT
COUT
Chip
Enable
L
RLIM
RLIM
PG
R0
LED
Note: COUT must be as close as possible to the PGND and VOUT pins.
Marking Information
Device
Marking
Package
Shipping
LP6253HSPF
LPS
LP6253H
YWX
ESOP8
2.5K/REEL
LP6253HQVF
TDFN-10
3K/REEL
Y:Production year W:Production period X:Production batch


Similar Part No. - LP6253

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6253 POWER-LP6253 Datasheet
844Kb / 11P
Output to Input Disconnect at Shutdown Mode
More results

Similar Description - LP6253

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
LP6236 POWER-LP6236 Datasheet
878Kb / 9P
High Efficiency 2.0A Boost DC/DC Convertor
LP6255 POWER-LP6255 Datasheet
1Mb / 10P
High Efficiency Synchronous Boost Convertor
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6221A POWER-LP6221A Datasheet
439Kb / 7P
High Efficiency 10A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com