Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6282 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP6282
Description  LCD Bias Power for Panel
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6282 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP6282 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Preliminary Datasheet
LP6282
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 6 of 9
LP6282–00 Version 0.1 SET.-2017
Electrical Characteristics
(VIN =5V, VAVDD=10V, VPCP=18V, VNCP=-7V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
Input Supply Voltage
VIN
2.5
5.5
V
AVDD
AVDD
6
12
V
Boost Switching Frequency
FLX
1.25
1.5
1.75
MHz
Charge Pump Frequency
FCP
400
500
600
kHz
VIN Supply Current
IQ
VFB=1.3V, LX no Switching
0.3
mA
VFB=1V, LX Switching
2
5
mA
VIN Shutdown Current
ISD
0.1
1
uA
Input UVLO Threshold
VUVLO
VIN Rising
2.15
2.25
2.35
V
UVLO Threshold Hysteresis
VUVLO(HYS)
Falling Hysteresis
100
mV
Reference Voltage
VREF
IREF=0~2mA
1.225
1.25
1.275
V
Thermal Shutdown Threshold
TSD
160
°C
Thermal Shutdown Hysteresis
30
°C
Boost Regulator
Maximum Duty-Cycle
DMAX
86
90
94
%
Feedback Voltage
VFB
1.225
1.25
1.275
V
Feedback Input Current
IFB
-50
50
nA
Switch-ON Resistance
RDS(ON)
VIN=3.6V
500
m
Ω
Current Limit
ILimit
2
A
LX Leak Current
ILeak
LX Off.
-1
1
µA
Internal Soft Start Time
TSS
2
ms
Enable Input
Input Threshold Voltage
VIH
Logic High.
0.7xVIN
V
VIL
Logic Low
0.3xVIN
Enable Input Current
IEN
-1
1
uA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com