Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6282 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP6282
Description  LCD Bias Power for Panel
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6282 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP6282 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6282 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Preliminary Datasheet
LP6282
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 7 of 9
LP6282–00 Version 0.1 SET.-2017
Electrical Characteristics (Continued)
(VIN =5V, VAVDD=10V, VPCP=18V, VNCP=-7V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
System Control
BSW Pull-down Current
IBSW
3
5
10
uA
BSW to VIN RON
RBSW
200
Ω
DLY Current Source
IDLY
10
uA
DLY Threshold Voltage
VDLY
1
V
Power
Switch to
GND Leakage
Current
IPS
VPS=15V
100
nA
Power Switch ON Resistance
RDS_PS
1
k
Ω
AVDD to VS ON Resistor
RDS_VS
50
Ω
CTRL Delay Time
TDLY1
15
ms
AVDD to VGL Delay Time
TDLY2
1
15
ms
VGL to VGH Delay Time
TDLY3
15
ms
Charge Pump
Charge Pump Soft Start Time
TSS_CP
2
ms
Positive Feedback Voltage
VFBP
1.225
1.25
1.275
V
DRVP Output Current
IDRVP
5
mA
DRVP Switch ON Resistance
RDS_DRVP1
20
Ω
RDS_DRVP2
3.5
Ω
Negative Feedback Voltage
VFBN
-25
0
25
mV
DRVN Output Current
IDRVN
5
mA
DRVN Switch ON Resistance
RDS_DRVN1
5
Ω
RDS_DRVN2
12
Ω
Operation Amplifier
Input Offset Voltage
VOS
VOPO=VAVDD/2
2
15
mV
Output Voltage Swing High
VOH
ILoad = 100uA
AVDD
- 15
AVDD
- 3
mV
ILoad = 5mA
AVDD
- 150
AVDD
- 80
Output Voltage Swing Low
VOL
ILoad = -100uA
2
15
ILoad = -5mA
80
150
Short Circuit Current
IOP_Short
VOPO= VAVDD/2
±50
±70
mA
Slew Rate
SR
VOPP=2V to 8V, 8V to 2V,
20% to 80%
13
V/us
OPO Discharge
ROP
2
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com